Electronic Components Datasheet Search
  English  ▼

X  

MA4PBL027 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PBL027
Description  HMICTM Silicon Beam-Lead PIN Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PBL027 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4PBL027 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HMICTM Silicon Beam-Lead PIN Diodes
Rev. V1
MA4PBL027
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Electrical Specifications at +25
°C
Symbol
Conditions
Units
Typ
Max
CT
0V, 1MHz
2
pF
0.048
CT
-3V, 1MHz
2
pF
0.039
CT
-10V, 1MHz
2
pF
0.033
0.040
CT
-40V, 1MHz
2
pF
0.030
0.040
CT
0V, 100MHz
2,4
pF
0.043
CT
-3V, 100MHz
2,4
pF
0.033
CT
-10V, 100MHz
2,4
pF
0.031
CT
-40V, 100MHz
2,4
pF
0.027
CT
0V, 1GHz
2,4
pF
0.039
CT
-3V, 1GHz
2,4
pF
0.032
CT
-10V, 1GHz
2,4
pF
0.029
CT
-40V, 1GHz
2,4
pF
0.026
RS
10mA, 100 MHz
3,4
Ω
3.8
RS
20mA, 100 MHz
3,4
Ω
3.0
RS
10mA, 1GHz
3,4
Ω
3.5
RS
20mA, 1GHz
3,4
Ω
2.8
VF
20mA
V
0.917
1.1
VR
-10µA
V
110
IR
-40 V
nA
1.0
IR
-90 V
uA
-
10.0
TL
+10mA / -6mA
ns
110
Notes:
2.
Total capacitance,
CT, is equivalent to the sum of Junction
Capacitance ,Cj, and Parasitic Capacitance, Cpar.
3.
Series resistance RS is equivalent to the total diode resistance :
Rs = Rj ( Junction Resistance) + Rc ( Ohmic Resistance)
4.
Rs and CT are measured on an HP4291A Impedance Analyzer
with die mounted in an ODS-186 package with conductive
silver epoxy.
Die Handling
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin oils. The use
of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components. Bulk handling should insure
that abrasion and mechanical shock are minimized.
Die Bonding
These devices were designed to be inserted onto hard or soft substrates. Recommended methods of attachment include
thermocompression bonding, parallel-gap welding, and electrically conductive silver epoxy.
See Application Note M541, “Bonding and Handling Procedures for Chip Diode Devices” for More Detailed Assembly
Instructions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com