Electronic Components Datasheet Search
  English  ▼

X  

EC1SC16 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC1SC16
Description  20 WATT WIDE INPUT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC1SC16 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC1SC16 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
54
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
EC1SC
EC1SC
S
E
R
I
E
S
Features
• 20W Isolated Output
• Continuous Short Circuit Protection
• Efficiency to 84%
• Meets EN55022 Class A, Conducted
• 4:1 Input Range
• Remote On/Off Control
• Pi Input Filter
53
20 WATT WIDE INPUT
DC-DC CONVERTERS
INPUT SPECIFICATIONS:
Input Voltage Range................................................................................................................................................... 24V ...............................................9-36V
48V .............................................18-72V
Input Filter ..........................................................................................................................................................................................................................Pi Type
Positive Logic Remote ON/OFF Control...................................................................................................................................................................See Note3
OUTPUT SPECIFICATIONS:
Voltage Accuracy Single Output............................................................................................................................................................................
±1.0% max.
Voltage Accuracy Dual + Output...........................................................................................................................................................................
±1.0% max.
Voltage Accuracy Dual - Output...........................................................................................................................................................................
±2.0% max.
Voltage Balance, Dual Output at Full Load...........................................................................................................................................................
±1.0% max.
Transient Response
Single 25% Step Load Change ................................................................................................................................................................................<500
µ sec.
Dual - FL-1/2L
±1% Error Band ....................................................................................................................................................................................<500µ sec.
External Trim Adj. Range ....................................................................................................................................................................................................
±10%
Ripple & Noise, 20MHz BW...............................................................................................................................................................................20mV RMS, max.
75mV p-p max.
Temperature Coefficient...................................................................................................................................................................................
±0.02%/˚C max.
Short Circuit Protection.............................................................................................................................................................................................Continuous
Line Regulation1, Single / Dual Output ..................................................................................................................................................................
±0.5% max.
Load Regulation2, Single / Dual Output..................................................................................................................................................................
±0.5% max.
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table
lsolation Voltage................................................................1500 VDC min.
lsolation Resistance...........................................................10
8 Ohms min.
Switching Frequency ............................................................ 300KHz Typ.
Operating Temperature Range..................................... -25˚C to +71˚C
Derating, Above 60˚C......................Linearly to Zero Power at + 100˚C
Case Temperature..................................................................100˚C max.
Storage Temperature Range........................................ -55˚C to +105˚C
EMI / RFI........................................................Six Sided Continuous Shield
Dimensions ................................................................2 x1.6 x 0.45 inches
(50.8 x 40.64 x 11.43mm)
Case Material .....Black Coated Copper with Non-Conductive Base
Weight...................................................................................................53g
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to 1/4 Load.
3. Remote On/Off Control:
Logic Compatibility................................CMOS or Open Collector TTL
EC-ON...........................................................>+5.5VDC or Open Circuit
EC-OFF......................................................................................< 1.8 VDC
Control Common.......................................Referenced to lnput Minus
NOTE : 1. Nominal Input Voltage 24 or 48 VDC
9-36 VDC
18-72 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
4000mA
1670mA
1330mA
±833mA
±666mA
±2000mA
4000mA
4000mA
1670mA
1330mA
±833mA
±666mA
±2000mA
4000mA
15mA
15mA
15mA
20mA
20mA
20mA
15mA
10mA
10mA
10mA
15mA
15mA
15mA
10mA
1029 mA
1006 mA
1004 mA
1004 mA
1004 mA
1004 mA
705 mA
508 mA
497 mA
496 mA
496 mA
496 mA
496 mA
353 mA
SC
SC
81
83
83
83
83
83
78
82
84
84
84
84
84
78
EC1SC01
EC1SC02
EC1SC03
EC1SC04
EC1SC05
EC1SC06
EC1SC07
EC1SC11
EC1SC12
EC1SC13
EC1SC14
EC1SC15
EC1SC16
EC1SC17
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
E176177
®
US
CASE SC
All Dimensions In Inches(mm)
Tolerance .xx=
±.04, .xxx= ±.010
4
3
1
0.70
(17.78)
0.20
(5.08)
0.60
(15.24)
0.45
(11.43)
0.04
(1.02)
0.22
(5.60)
DIA
8
7
6
5
BOTTOM
VIEW
2.00
(50.80)
1.80
(45.72)
0.50
(12.70)
1.60
(40.64)
0.70
(17.8)
0.30
(7.62)
0.10
(2.54)
PIN CONNECTION
Pin
Single
Dual
Output
Output
1
3
4
5
6
7
8
On/Off Control
-Vin
+Vin
Trim
-Vout
+Vout
No Pin
On/Off Control
-Vin
+Vin
Trim
-Vout
Common
+Vout
PIN 7
PIN 6
PIN 5
TRIM
UP
TRIM
DOWN
10K
TRIM
UP/DOWN
External Output Trimming
Output may optionally be externally trimmed (
±10%) with
a fixed resistor or an external trimpot as shown.
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - EC1SC16

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC1SC16 CINCON-EC1SC16 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC1SC16 CINCON-EC1SC16 Datasheet
274Kb / 2P
EC1SC SERIES
More results

Similar Description - EC1SC16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3B01 RSG-EC3B01 Datasheet
809Kb / 1P
7.5 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
EC2SA CINCON-EC2SA Datasheet
272Kb / 2P
2 WATT WIDE INPUT DC-DC CONVERTERS
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com