Electronic Components Datasheet Search
  English  ▼

X  

MA4SPS402 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS402
Description  SURMOUNTTM PIN Diode RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS402 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS402 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS402 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SURMOUNTTM PIN Diode
RoHS Compliant
Rev V6
MA4SPS402
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product informa-
tion.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaran-
teed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TAMB = +25°C
1. Total Capacitance, CT, is equivalent to the sum of Junction Capacitance and Parasitic Capacitance.
CT = CJ (Junction Capacitance) + CPAR (Parasitic Capacitance)
2. Series resistance RS is equivalent to the total diode resistance:
RS = RJ (Junction Capacitance Junction Resistance) + RO (Ohmic Resistance)
3
RS and CT are measured on an HP4291A Impedance Analyzer with die mounted in an ODS-186 package
with conductive silver epoxy.
4.
Steady-state RØJL measured with die mounted in an ODS-186 package with conductive silver epoxy.
Symbol
Conditions
Units
Min.
Typical
Max.
CT
1,3
-40V, 1MHz
pF
0.055
0.06
CT
1,3
-40V, 1GHz
pF
0.045
RS
2,3
10mA, 1GHz
Ω
5.0
5.8
VF
10mA
V
0.90
1.00
VR
-10μA
V
-70
-100
IR
-70V
μA
-0.1
-10
RØJL
4
IH=1A, IL=10mA
°C/W
150
TL
+10mA / -6mA
( 50% - 90% V )
nS
200
400



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com