Electronic Components Datasheet Search
  English  ▼

X  

EC3B07 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC3B07
Description  7.5 WATT WIDE INPUT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC3B07 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC3B07 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00(50.8)
5
4
3
2
BOTTOM VIEW
1
0.60 (15.2)
0.80 (20.3)
0.20
(5.1)
0.40
(10.2)
0.040 DIA
0.22 min.
(5.6)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
1.00
(1.0)
(25.4)
9-18 VDC
18-36 VDC
36-72 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
1500 mA
625 mA
500 mA
±310 mA
±250 mA
±750 mA
1500 mA
1500 mA
625 mA
500 mA
±310 mA
±250 mA
±750 mA
1500 mA
1500 mA
625 mA
500 mA
±310 mA
±250 mA
±750 mA
1500 mA
7.5 mA
7.5 mA
7.5 mA
12 mA
12 mA
7.5 mA
7.5 mA
5 mA
5 mA
5 mA
7.5 mA
7.5 mA
7.5 mA
5 mA
2 mA
2 mA
2 mA
3 mA
3 mA
3 mA
3 mA
820 mA
780 mA
780 mA
775 mA
780 mA
820 mA
557 mA
400 mA
380 mA
380 mA
385 mA
385 mA
400 mA
271 mA
200 mA
192 mA
192 mA
192 mA
192 mA
200 mA
136 mA
76
80
80
80
80
76
74
78
82
82
81
81
78
76
78
81
81
81
81
78
76
B
B
B
EC3B01
EC3B02
EC3B03
EC3B04
EC3B05
EC3B06
EC3B07
EC3B11
EC3B12
EC3B13
EC3B14
EC3B15
EC3B16
EC3B17
EC3B21
EC3B22
EC3B23
EC3B24
EC3B25
EC3B26
EC3B27
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range........................................................................................................................................12V ..........................................................9-18V
24V ........................................................18-36V
48V ........................................................36-72V
Input Filter..........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy....................................................................................................................................................................................................
± 2.0% max.
Voltage Balance (Dual)...........................................................................................................................................................................................
± 1.0% max.
Temperature Coefficient..........................................................................................................................................................................................
± 0.05%/˚C
Ripple and Noise, 20MHz BW...................................................................................................................3.3V / 5V........................................100mV p-p max.
12V / 15V...............................................1% p-p max.
Short Circuit Protection............................................................................................................................................................................................Continuous
Line Regulation, Single/Dual1...........................................................................................................................................................................................
± 0.5%
Load Regulation, Single2...................................................................................................................................................................................................
± 0.5%
Dual3.................................................................................................................................................................................................
± 1.0%
GENERAL SPECIFICATIONS:
Efficiency......................................................................................................................................................................................................................See Table
Isolation Voltage..................................................................................................................................................................................................1500 VDC min.
Isolation Resistance........................................................................................................................................................................................................109ohms
Switching Frequency...............................................................................................................................................................................................100KHz, min.
Operating Temperature Range.......................................................................................................................................................................-25˚C to + 71˚C
Case Temperature...................................................................................................................................................................................................100˚C max.
Cooling........................................................................................................................................................................................................Free-Air Convection
Storage Temperature Range.........................................................................................................................................................................-40˚C to + 100˚C
Dimensions ......................................................................................................................................................................................................2 x 1 x 0.4 inches
(50.8 x 25.4 x 10.2mm)
Case Material...............................................................................................................................................................................Black Coated Copper With
Non-Conductive Base
Weight.....................................................................................................................................................................................................................................35g
32
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE B
All Dimensions In Inches(mm)
Tolerance .xx=
±.04, .xxx= ±.010
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
+ Input
- Input
+ Output
Common/NP
- Output
*NP-NO PIN
7.5 WATT WIDE INPUT
DC-DC CONVERTERS
EC3B
EC3B
S
E
R
I
E
S
Features
• 7.5W Isolated Output
• Pi Input Filter
• Efficiency to 82%
• Continuous Short Circuit Protection
• 2:1 Input Range
• Regulated Outputs
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
% EFF.
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
31
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to 10% Load
3. Measured From Full Load to 1/4 Load
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - EC3B07

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3B-20-30.000M-CL150 ECLIPTEK-EC3B-20-30.000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
EC3B-20-30.000M-CL175 ECLIPTEK-EC3B-20-30.000M-CL175 Datasheet
101Kb / 3P
CRYSTAL
EC3B-20-30.000M-I2 ECLIPTEK-EC3B-20-30.000M-I2 Datasheet
101Kb / 3P
CRYSTAL
EC3B-20-30000M-CL150 ECLIPTEK-EC3B-20-30000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
EC3B-20-30000M-CL175 ECLIPTEK-EC3B-20-30000M-CL175 Datasheet
101Kb / 3P
CRYSTAL
More results

Similar Description - EC3B07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA7.5-11 ETC-EA7.5-11 Datasheet
59Kb / 1P
7.5 WATT WIDE INPUT DC TO DC CONVERTERS
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3BB01 RSG-EC3BB01 Datasheet
822Kb / 1P
7.5 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com