Electronic Components Datasheet Search
  English  ▼

X  

EC2EE28 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC2EE28
Description  15 WATT WIDE INPUT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC2EE28 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC2EE28 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BOTTOM
VIEW
0.40
(10.2)
1.50
(38.1)
0.60
(15.2)
2.56
(65.0)
3
4
5
6
7
0.80
(20.3)
0.70
(17.8)
0.20
(5.1)
0.40
(10.2)
0.30
(7.6)
2
18
2.50
(63.5)
3.00
(76.2)
0.04
(1.0)
DIA
0.22
(5.6)
min.
0.83
(21.1)
15
WATT WIDE
INPUT
DC-DC
CONVERTERS
EC2EE
EC2EE
S
E
R
I
E
S
Features
• 15W Isolated Output
• Remote ON/OFF Control
• 2:1 Input Range
• Efficiency to 84%
• Six-Sided Shield
• 200KHz Switching Frequency
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
% EFF.
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
59
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range..........................................................................................................................................................12V....................................................9-18V
24V..................................................18-36V
48V..................................................36-72V
Input Filter....................................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy
Single Output........................................................................................................................................................................................................................±1.0% max.
Dual +Output........................................................................................................................................................................................................................±1.0% max.
-Output.........................................................................................................................................................................................................................±3.0% max.
Triple, 5V.................................................................................................................................................................................................................................±2.0% max.
12V/15V.......................................................................................................................................................................................................................±3.0% max.
Voltage Balance (Dual).......................................................................................................................................................................................................±1.0% max.
Transient Response:
Single, 25% Step Load Change...........................................................................................................................................................................................<500µ sec.
Dual, FL-1/2L±1% Error Band.................................................................................................................................................................................................<500µ sec.
External Trim Adj. Range...............................................................................................................................................................................................................±10%.
Ripple & Noise, 20MHz BW.........................................................................................................................................................................................10mV RMS, max.
75mV p-p max.
Temperature Coefficient.....................................................................................................................................................................................................± 0.02%/°C
Short Circuit Protection......................................................................................................................................................................................................Continuous
Line Regulation
1, Single/Dual..............................................................................................................................................................................................±0.2% max.
Triple.....................................................................................................................................................................................................±1.0% max.
Load Regulation
2, Single/Dual............................................................................................................................................................................................±1.0% max.
Triple.....................................................................................................................................................................................................±5.0% max.
GENERAL SPECIFICATIONS:
Efficiency.......................................................................................See Table
Isolation Voltage.....................................................................500 VDC min.
Isolation Resistance........................................................................10
9ohms
Switching Frequency................................................................200KHz, typ.
Operating Temperature Range.......................................-25°C to + 71°C
Case Temperature....................................................................100˚C max.
Cooling........................................................................Free-Air Convection
Storage Temperature Range..........................................-55°C to + 105°C
EMI/RFI.............................................................Six-Sided Continuous Shield
Dimensions..............................................................2.56 x 3.0 x 0.83 inches
(65 x 76.2 x 21.1 mm)
Case Material................................................Black Coated Copper with
Non-Conductive Base
60
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE E
All Dimensions In Inches(mm)
Tolerance .xx= ±.04, .xxx= ±.010
EC2EE01
EC2EE02
EC2EE03
EC2EE04
EC2EE05
EC2EE06
EC2EE07
EC2EE08
EC2EE11
EC2EE12
EC2EE13
EC2EE14
EC2EE15
EC2EE16
EC2EE17
EC2EE18
EC2EE21
EC2EE22
EC2EE23
EC2EE24
EC2EE25
EC2EE26
EC2EE27
EC2EE28
9-18 VDC
18-36 VDC
36-72 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
1500/±310 mA
1500/±250 mA
1500/310/500 mA
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
1500/±310 mA
1500/±250 mA
1500/310/500 mA
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
1500/±310 mA
1500/±250 mA
1500/310/500 mA
20 mA
20 mA
20 mA
35 mA
35 mA
30 mA
30 mA
30 mA
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
10 mA
10 mA
10 mA
15 mA
15 mA
15 mA
15 mA
15 mA
1700 mA
1600 mA
1600 mA
1520 mA
1520 mA
1600 mA
1600 mA
1470 mA
810 mA
780 mA
780 mA
750 mA
750 mA
780 mA
780 mA
715 mA
410 mA
390 mA
390 mA
380 mA
380 mA
380 mA
380 mA
350 mA
77
78
78
82
82
78
78
78
77
80
80
84
84
80
80
80
77
80
80
82
82
82
82
82
E
E
E
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to 1/4 Load
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
TRIPLE OUTPUT LOADING TABLE (1)
Amperes
Min.(2)
Nom.
Output
Voltage
( Pin No.)
6
3 & 5
3 & 5
3 & 5
+5
+12 or -12
+15 or -15
+12 & -5
0.25
0.10
0.10
0.10/0.10
1.5
0.31
0.25
0.31/0.50
NOTE:
1. Maximum total power from all outputs is limited to 15 watts but no output should be
allowed to exceed its maximum current.
2. Minimum current on each output is required to maintain specified regulation.
Remote On/Off Control
Logic Compatibility
EC-On
EC-Off
Shutdown Idle Current
Input Resistance
Control Common
CMOS or Open Collector TTL
>+5.5VDC or Open Circuit
<1.8 VDC
10 mA
100K ohms (Ein 0 VDC to 9 VDC)
Referenced to Input Minus
External Output Trimming
Output may optionally be externally trimmed (±10%) with a fixed
resistor or an external trimpot as shown.
PIN 4
PIN 6
RT 1
OR
RT 2
10K ohms
TRIMPOT
TRIM
DOWN
PIN 7
PIN 4
TRIM
UP
PIN 6
PIN 7
PIN 4
PIN CONNECTION
Pin
Single Output
Daul Output
Triple Output
1.
2.
3.
4.
5.
6.
7.
8.
+Input
-Input
No Pin
Output Trim
No Pin
+Output
-Output
+Input
-Input
+Output
Common
-Output
No Pin
No Pin
+Input
-Input
+Output
Common
-Output
+5V Output
No Pin
Remote On/Off Control


Similar Part No. - EC2EE28

ManufacturerPart #DatasheetDescription
logo
NEC
EC2 NEC-EC2 Datasheet
926Kb / 7P
Miniature Relays
EC2 NEC-EC2 Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2 NEC-EC2 Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Samtec, Inc
EC2 SAMTEC-EC2 Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
EC2 SAMTEC-EC2 Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
More results

Similar Description - EC2EE28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC3C01 RSG-EC3C01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
Isolated Wide Input Range 15-Watt DC/DC Converters
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
Isolated Wide Input Range 15-Watt DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com