Electronic Components Datasheet Search
  English  ▼

X  

SW-283-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-283-PIN
Description  GaAs Transfer Switch, GaAs Transfer Switch,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-283-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-283-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-283-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-283-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-283-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Transfer Switch,
DC-3.0 GHz
Rev. V5
SW-283-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Small Ceramic Package, 0.250” Sq.
• Fast Switching Speed, 4 ns Typical
• Ultra Low DC Power Consumption
• 50 Ohm Nominal Impedance
• MIL-STD-883 screening available
• Lead-Free CR-4 Package
• 260°C Reflow Compatible
• RoHS* Compliant
Description
M/A-COM’s SW-283-PIN is a GaAs MMIC transfer
switch packaged in lead-free, surface mount CR-4
ceramic style packages. SW-283-PIN offers low
insertion loss, high isolation, and fast switching.
This ceramic switch platform has a common footprint
for all three designs. The CR-4 package is hermeti-
cally sealed, making this switch ideal for space, mili-
tary radios, and other environmentally harsh applica-
tions.
Typical applications include synthesizer switching,
transmit/receive switching, switch matrices and filter
banks in systems such as radio and cellular equip-
ment, PCM, GPS, and fiber optic modules.
The SW-283-PIN transfer switch contains a mono-
lithic GaAs MMIC which is fabricated using a 1.0
micron MESFET process.
Ordering Information
Part Number
Package
SW-283-PIN
Bulk Packaging
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
9
RF3
2
GND
10
GND
3
GND
11
GND
4
RF2
12
RF4
5
GND
13
GND
6
A
14
GND
7
B
15
GND
8
GND
16
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.
GND GND GND GND
GND
GND
RF3
RF4
GND
GND
A
B
GND
GND
RF2
RF1


Similar Part No. - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
GaAs Transfer Switch, DC - 3.0 GHz
More results

Similar Description - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
DAICO Industries, Inc.
CSWT5103 DAICO-CSWT5103 Datasheet
41Kb / 1P
GaAs Transfer Switch / Amplifier
CSWT5104 DAICO-CSWT5104 Datasheet
34Kb / 1P
GaAs Transfer Switch / Amplifier
DSWT1981 DAICO-DSWT1981 Datasheet
146Kb / 1P
GaAs Transfer Switch
logo
Skyworks Solutions Inc.
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
GaAs IC Transfer Switch DC-2 GHz
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
GaAs Transfer Switch, DC - 3.0 GHz
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com