Electronic Components Datasheet Search
  English  ▼

X  

SW-284-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-284-PIN
Description  GaAs Matched SP6T Switch DC - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-284-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-284-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-284-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-284-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Matched SP6T Switch
DC - 2 GHz
Rev. V4
SW-284-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low DC Power Consumption
• Integral CMOS Decoder/Driver
FP-27
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. When the RF input power is applied to the terminated port,
the absolute maximum is +32 dBm.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5-2.0 GHz
2
+27 dBm
+34 dBm
Bias Voltage
+5V Supply
-5V Supply
-0.5 to + 7V
-7V to +0.5
Control Voltage
-0.5 to VCC +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Guaranteed Specifications
1,2 from -55°C to +85°C
Frequency Range
DC - 2.0 GHz
Insertion Loss
DC - 2.0 GHz
DC - 1.0 GHz
2.8 dB Max
2.0 dB Max
VSWR (RF Common)
DC - 2.0 GHz
DC - 1.0 GHz
.9:1 Max
1.3:1 Max
VSWR (RF1-RF6 On)
DC - 2.0 GHz
DC - 1.0 GHz
1.7:1 Max
1.3:1 Max
VSWR (RF1-RF6 Terminated)
DC - 2.0 GHz
DC - 1.0 GHz
1.3:1 Max
1.3:1 Max
Isolation
DC - 2.0 GHz
DC - 1.0 GHz
28 dB Max
33 dB Max
1. All specifications apply with 50 ohm impedance connected to all RF ports, with -5 and +5 VDC bias voltages.
2. Contact the factory for standard or custom screening requirements.


Similar Part No. - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
More results

Similar Description - SW-284-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
88Kb / 4P
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
logo
Tyco Electronics
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-209 MACOM-SW-209 Datasheet
101Kb / 2P
Matched GaAs SPST Switch DC - 3 GHz
SW-284-PIN MACOM-SW-284-PIN Datasheet
152Kb / 3P
GaAs Matched SP6T Switch, DC- 2GHz
logo
M/A-COM Technology Solu...
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com