Electronic Components Datasheet Search
  English  ▼

X  

MAAM71200 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM71200
Description  Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM71200 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM71200 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM71200 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Low Noise GaAs MMIC Power Amplifier
7.5 - 12.0 GHz
Rev. V6
MAAM71200
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Noise Figure: 2.3 dB Typical
• Gain: 16.5 dB Typical
• Low Bias Current
• Single Bias Supply
• On-Chip Bias Network
• DC Decoupled RF Input and Output
Description
The MAAM71200 die is a wide-band, low noise,
MMIC amplifier.
It includes two integrated gain
stages and employs series inductive feedback to
obtain excellent noise figure and a good, 50 Ω, input
and output impedance match over the entire
frequency band. The MAAM71200 operates from a
single +4 V supply.
The MAAM71200 is manufactured in-house using a
reliable, 0.5-micron, GaAs MESFET process. This
product is 100% RF tested to ensure compliance to
performance specifications.
Die
Ordering Information
Part Number
Package
MAAM71200
Die
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
Voltage
+7 V
Input Power
+20 dBm
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Schematic
RF IN
RF OUT
S1a
S1b
S1c S2a
S2b
S2c
S2d
VDD


Similar Part No. - MAAM71200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200 MACOM-MAAM71200 Datasheet
193Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5-12GHz
logo
M/A-COM Technology Solu...
MAAM71200 MA-COM-MAAM71200 Datasheet
236Kb / 4P
Low Noise GaAs MMIC Power Amplifier
MAAM71200 MA-COM-MAAM71200 Datasheet
236Kb / 4P
Low Noise GaAs MMIC Power Amplifier
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
80Kb / 3P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
More results

Similar Description - MAAM71200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
MAAM71200 MACOM-MAAM71200 Datasheet
193Kb / 2P
Low Noise GaAs MMIC Amplifier 7.5-12GHz
logo
Mimix Broadband
XB1009-QT MIMIX-XB1009-QT Datasheet
267Kb / 8P
12.0-27.0 GHz GaAs MMIC Buffer Amplifier, QFN
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
80Kb / 3P
Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com