Electronic Components Datasheet Search
  English  ▼

X  

SW-369-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-369-PIN
Description  Matched GaAs SP4T Switch, 0.02 - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-369-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-369-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Matched GaAs SP4T Switch,
0.02 - 2 GHz
Rev. V3
SW-369-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Internal CMOS Decoder/Driver
• Low Power Consumption
• Fast Switching Speed, 60 ns Typical
• Very High Intercept Points
• 50 Ohm Nominal Impedance
Description
Ordering Information
Part Number
Package
SW-369-PIN
FP-26
Note: Reference Application Note M513 for reel size
information.
Note: Die quantity varies.
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Truth Table
Control Inputs
Condition of Switch
“1” = Logic High
(CMOS)
CMOS 1
CMOS 2
RF1
RF2
RF3
RF4
0
0
ON
OFF
OFF
OFF
1
0
OFF
ON
OFF
OFF
0
1
OFF
OFF
ON
OFF
1
1
OFF
OFF
OFF
ON
RF Common to Each RF
Port
Absolute Maximum Ratings
3
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Bias Voltages
-0.5 to +7V
Control Voltage
-0.5V to Vcc +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
3. Operation of this device above any one of these parameters
may cause permanent damage.
4. When the RF input power is applied to the terminated port,
the absolute maximum is +32 dBm.


Similar Part No. - SW-369-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
More results

Similar Description - SW-369-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
GaAs Matched SP6T Switch DC - 2 GHz
SW-369 MACOM-SW-369 Datasheet
21Kb / 2P
GaAs Matched SP4T Switch 0.02-2 GHz
SW-415 MACOM-SW-415 Datasheet
22Kb / 2P
Matched GaAs SP4T Switch DC - 2 GHz
SW-419 MACOM-SW-419 Datasheet
129Kb / 2P
GaAs SP4T Terminated Switch DC - 2 GHz
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
Matched GaAs SP4T Switch, 0.02 - 2 GHz
SW-415-PIN MACOM-SW-415-PIN Datasheet
104Kb / 3P
Matched GaAs SP4T Switch, DC - 2GHz
logo
M/A-COM Technology Solu...
SW-284-PIN MA-COM-SW-284-PIN Datasheet
59Kb / 3P
GaAs Matched SP6T Switch DC - 2 GHz
SW-415-PIN MA-COM-SW-415-PIN Datasheet
48Kb / 3P
Matched GaAs SP4T Switch, DC - 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com