Electronic Components Datasheet Search
  English  ▼

X  

SW-475 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-475
Description  SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-475 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-475 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-475 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-475 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
Rev. V6
SW-475
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Positive Voltage Control (0 / +5 V)
• High Isolation (53 dB typ. @ 0.9 GHz,
50 dB typ @ 1.9 GHz)
• 50-Ohm Internal Terminations
• Low Insertion Loss (0.6 dB typ. @ 0.9 GHz,
0.7 dB typ. @ 1.9 GHz)
• 4 mm 16-Lead PQFN Package
Description
The M/A-COM SW-475 GaAs monolithic switch
provides high isolation in a low-cost, plastic surface
mount package.
The SW-475 is ideal for
applications across a broad range of frequencies
including synthesizer switching, transmit / receive
switching, switch matrices and filter banks in
systems such as radio and cellular equipment, PCS,
GPS, and fiber optic modules.
M/A-COM fabricates the SW-475 using a 1.0-micron
gate length MESFET process. The process features
full chip passivation for performance and reliability.
Functional Schematic
RF2
RF1
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
V1
V2
1. Reference Application Note M513 for reel size information.
Ordering Information
1
Part Number
Package
SW-475 PIN
Bulk Packaging
SW-475TR
1000 piece reel
SW-475TR-3000
3000 piece reel
SW-475SMB
Sample board
Pin
Function
Description
1
RF2
RF port
2
GND
RF ground
3
GND
RF ground
4
V1
Control 1
5
V2
Control 2
6
GND
RF ground
7
RFC
RF port
8
GND
RF ground
9
GND
RF ground
10
GND
RF ground
11
GND
RF ground
12
RF1
RF port
13
GND
RF ground
14
GND
RF ground
15
GND
RF ground
16
GND
RF ground
17 (pad)3
GND
RF ground
PIN Configuration
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
+30 dBm
5 V Control
+33 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.


Similar Part No. - SW-475

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475PIN MACOM-SW-475PIN Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475SMB MACOM-SW-475SMB Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475TR MACOM-SW-475TR Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475TR-3000 MACOM-SW-475TR-3000 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
More results

Similar Description - SW-475

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com