Electronic Components Datasheet Search
  English  ▼

X  

SW-485 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-485
Description  GaAs SPDT Switch 0.05 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-485 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-485 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-485 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-485 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Switch
0.05 - 3.0 GHz
Rev. V4
SW-485
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.3 dB Typ. @ 2.4 GHz
• Isolation: 21 dB @ 2.4 GHz
• Low Power Consumption: <5 μA @ +2.3V
• Low Cost Plastic SOT-363 Package
Description
M/A-COM’s SW-485 is a GaAs PHEMT MMIC
SPDT switch in a low cost SC-70 (SOT-363) surface
mount plastic package. The SW-485 is ideally suited
for applications where very small size and low cost
are required. Typical applications are dual band
systems where switching between small signal
components are required such as filter banks,
single-band LNAs, converters, etc. This part can be
used for low power, low loss requirements in all
systems operating up to 3 GHz, including PCS,
GSM, DCS,
Blue Tooth, and other Rx chain
applications.
The SW-485 is fabricated using a 0.5 micron gate
length GaAs PHEMT process. The process features
full passivation for performance and reliability.
Functional Schematic
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Pin Configuration
Truth Table
2
Mode
(Control)
Control
V1
Control
V2
RFC-RF1 RFC-RF2
Positive
2
0 ± 0.2V
+2.3 to +5V
+2.3 to +5V
0 ± 0.2V
On
Off
Off
On
2. External DC blocking capacitors are required on all RF ports.
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+32 dBm
+34 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
3
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Ordering Information
1
Part Number
Package
SW-485
Bulk Packaging
SW-485TR-3000
3000 piece reel
SW-485SMB
Sample Board (Includes 5 Samples)
1. Reference Application Note M513 for reel size information.


Similar Part No. - SW-485

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485SMB MACOM-SW-485SMB Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
SW-485TR-3000 MACOM-SW-485TR-3000 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
More results

Similar Description - SW-485

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-485 MACOM-SW-485 Datasheet
99Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
MASWSS0005 MA-COM-MASWSS0005 Datasheet
74Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2408TK CEL-UPG2408TK Datasheet
503Kb / 11P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
0.05 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TK RENESAS-PG2408TK Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
0.05 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com