Electronic Components Datasheet Search
  English  ▼

X  

MAAM-007239 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007239
Description  Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007239 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007239 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-007239 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V1
MAAM-007239
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 3-Way Splitter
• Single Ended Input and Outputs
• 4.5 dB and 6 dB Gain Configurations
• Single +5 Volt Supply
• Lead-Free 3 mm 16-Lead PQFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MAAM-007239 CATV 3-way active
splitter is a GaAs MMIC which exhibits low noise
figure and distortion in a lead-free 3mm 16-lead
PQFN plastic package. The design employs a low
noise, high linearity amplifier and power splitter
functionality. The design features 75 Ω inputs and
outputs.
The MAAM-007239 is ideally suited for multi-tuner
set top boxes, home gateways, and other broadband
internet based appliances.
The MAAM-007239 is fabricated using M/A-COM’s
PHEMT process to realize low noise and low
distortion. The process features full passivation for
robust performance and reliability.
Ordering Information 1,2
Part Number
Package
MAAM-007239-TR3000
3000 piece reel
MAAM-007239-001SMB
High Isolation Configuration
MAAM-007239-TR1000
1000 piece reel
MAAM-007239-002SMB
Low Current Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Pin No.
Pin Name
Description
1
N/C
No Connection
2
IN
RF Input
3
N/C
No Connection
4
RES1
Resistor 1
5
N/C
No Connection
6
RES2
Resistor 2
7
N/C
No Connection
8
OUT1
RF Output 1
9
N/C
No Connection
10
OUT2
RF Output 2
11
N/C
No Connection
12
OUT3
RF Output 3
13
N/C
No Connection
14
RES3
Resistor 3
15
N/C
No Connection
16
FB
Feedback
17
Paddle 3
RF and DC Ground
Functional Schematic
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAAM-007239

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007239 MA-COM-MAAM-007239 Datasheet
294Kb / 9P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-001SMB MA-COM-MAAM-007239-001SMB Datasheet
924Kb / 10P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-001SMB MA-COM-MAAM-007239-001SMB Datasheet
970Kb / 10P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-002SMB MA-COM-MAAM-007239-002SMB Datasheet
924Kb / 10P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239-002SMB MA-COM-MAAM-007239-002SMB Datasheet
970Kb / 10P
Broadband CATV Single Ended 3-Way Active Splitter
More results

Similar Description - MAAM-007239

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007805 MACOM-MAAM-007805 Datasheet
208Kb / 4P
Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
logo
M/A-COM Technology Solu...
MAAM-007805 MA-COM-MAAM-007805 Datasheet
170Kb / 4P
Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
MAAM-008818 MA-COM-MAAM-008818 Datasheet
199Kb / 6P
Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-008820 MA-COM-MAAM-008820 Datasheet
200Kb / 6P
Broadband CATV Single Ended 4-Way Active Splitter 50 - 1100 MHz
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-007239 MA-COM-MAAM-007239 Datasheet
294Kb / 9P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_15 Datasheet
924Kb / 10P
Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com