Electronic Components Datasheet Search
  English  ▼

X  

HHS-110 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # HHS-110
Description  Hybrid Junction, 10 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

HHS-110 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  HHS-110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. HHS-110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. HHS-110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Hybrid Junction, 10 - 500 MHz
Rev. V3
HH- / HHS-110 / HH-127
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
1: T
A = -55°C to +85°C
Typical Performance Curves
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
10 - 500 MHz
25 - 200 MHz
dB
dB
—
—
—
—
1.4
1.0
Isolation
10 - 500 MHz
25 - 200 MHz
dB
dB
20
30
—
—
—
—
Amplitude Balance
—
10 - 500 MHz
25 - 200 MHz
dB
dB
—
—
—
—
0.6
0.4
VSWR
—
10 - 500 MHz
25 - 200 MHz
Ratio
Ratio
—
—
—
—
2.0:1
1.6:1
Phase Balance
—
10 - 500 MHz
25 - 200 MHz
°
°
—
—
—
—
7
5
1. All specifications apply with 50 ohm source and load impedance.
Ordering Information
Part Number
Package
HH-110 PIN
FP-2
HHS-110
SF-1
HH-127 PIN
TO-8-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com