Electronic Components Datasheet Search
  English  ▼

X  

SMLA45 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMLA45
Description  Cascadable Amplifier 1000 to 4000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMLA45 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMLA45 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMLA45 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMLA45 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
1000 to 4000 MHz
Rev. V2
LA45 / SMLA45
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
• MEDIUM OUTPUT LEVEL: +14.0 dBm (TYP.)
• MEDIUM GAIN: 11.5 dB (TYP.)
• WIDE BANDWIDTH: 0.8-4.2 GHz (TYP.)
Description
The LA45 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the input,
and a two-stage GaAs FET feedback amplifier at the output.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
LA45
TO-8
SMLA45
Surface Mount
MALI-008742-0CLA45
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+16 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
108.9ºC/W
Transistor Power Dissipation Pd
0.476 W
Junction Temperature Rise
Above Case Tjc
52ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
800-4200
1000-4000
1000-4000
Small Signal Gain (min)
dB
11.5
10.0
9.0
Gain Flatness (max)
dB
±0.6
±0.8
±1.0
Noise Figure (max)
dB
8.0
9.5
10.0
Power Output @ 1 dB comp. (max)
dBm
+14.0
+12.5
+11.5
Output Limiting Level (max)
Pin = +17 dBm
dBm
+15.5
+17.0
+17.5
IP3/IP2
dBm
+24.0/+46.0
VSWR Input / Output (max)
1.7:1 / 1.6:1 2.1:1 / 2.0:1
2.2:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
110
115
120
Second Order Harmonic IP
dBm
+50.0
* Over temperature performance limits for part number CLA45, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMLA45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMLA45 MACOM-SMLA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
SMLA45-1 MA-COM-SMLA45-1 Datasheet
1Mb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results

Similar Description - SMLA45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com