Electronic Components Datasheet Search
  English  ▼

X  

STM32F103R4U7ATR Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F103R4U7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103R4U7ATR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F103R4U7ATR Datasheet HTML 48Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 49Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 50Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 51Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 52Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 53Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 54Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 55Page - STMicroelectronics STM32F103R4U7ATR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Electrical characteristics
STM32F103x4, STM32F103x6
52/80
Doc ID 15060 Rev 3
5.3.12
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 34 are derived from tests
performed under the conditions summarized in Table 9. All I/Os are CMOS and TTL
compliant.
All I/Os are CMOS and TTL compliant (no software configuration required), their
characteristics consider the most strict CMOS-technology or TTL parameters:
●
For VIH:
–if VDD is in the [2.00 V - 3.08 V] range: CMOS characteristics but TTL included
–if VDD is in the [3.08 V - 3.60 V] range: TTL characteristics but CMOS included
●
For VIL:
–if VDD is in the [2.00 V - 2.28 V] range: TTL characteristics but CMOS included
–if VDD is in the [2.28 V - 3.60 V] range: CMOS characteristics but TTL included
Table 34.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TTL ports
–0.5
0.8
V
VIH
Standard IO input high level
voltage
2VDD+0.5
IO FT(1) input high level voltage
1.
FT = Five-volt tolerant.
25.5V
VIL
Input low level voltage
CMOS ports
–0.5
0.35 VDD
V
VIH
Input high level voltage
0.65 VDD
VDD+0.5
Vhys
Standard IO Schmitt trigger
voltage hysteresis(2)
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in
production.
200
mV
IO FT Schmitt trigger voltage
hysteresis(2)
5% VDD
(3)
3.
With a minimum of 100 mV.
mV
Ilkg
Input leakage current (4)
4.
Leakage could be higher than max. if negative current is injected on adjacent pins.
VSS VIN VDD
Standard I/Os
1
µA
VIN= 5 V
I/O FT
3
RPU
Weak pull-up equivalent
resistor(5)
5.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable
PMOS/NMOS. This MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
VIN VSS
30
40
50
k
RPD
Weak pull-down equivalent
resistor(5)
VIN VDD
30
40
50
k
CIO
I/O pin capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com