Electronic Components Datasheet Search
  English  ▼

X  

MAC-50 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAC-50
Description  TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAC-50 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAC-50 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAC-50 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAC-50 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
TO-5 Double-Balanced Mixer,
0.2 - 200 MHz
Rev. V3
MAC-50
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Convenient Microstrip or Stripline Mounting
• Low Conversion Loss: -6 dB
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 300 mW max. @ 25°C,
Derated linearly to 85°C @ 3.2 mW/°C
• IF Port Current: 50 mA Max.
• MIL-STD-883 Screening Available
Description
Transformers convert the LO and RF paths to bal-
anced lines connecting to a low barrier, Schottky
diode ring quad. These transformers help provide
excellent isolation between ports. Conversion Loss
is low. The direct connection of the IF port to the
diode quad allows these mixers to be used as phase
detectors and bi-phase modulators.
TO-5-2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
LO
3
RF
2
IF
4
GND


Similar Part No. - MAC-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAC-50 MACOM-MAC-50 Datasheet
121Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
M/A-COM Technology Solu...
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer
logo
Tyco Electronics
MAC-50PIN MACOM-MAC-50PIN Datasheet
121Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
M/A-COM Technology Solu...
MAC-50 MA-COM-MAC-50_15 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer
More results

Similar Description - MAC-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
MAC-50 MACOM-MAC-50 Datasheet
121Kb / 3P
TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
TO-5 Double-Balanced Mixer
MAC-51 MA-COM-MAC-51_15 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com