Electronic Components Datasheet Search
  English  ▼

X  

MAC-51 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAC-51
Description  TO-5 Double-Balanced Mixer, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAC-51 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAC-51 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAC-51 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAC-51 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
TO-5 Double-Balanced Mixer,
5 - 500 MHz
Rev. V3
MAC-51
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
5 - 500
DC - 500
MHz
MHz
—
—
—
—
—
—
Conversion Loss
—
dB
—
—
7.0
Isolation
LO to RF
5 - 50 MHz
50 - 500 MHz
dB
dB
35
25
—
—
—
—
LO to IF
5 - 50 MHz
50 - 500 MHz
dB
dB
35
25
—
—
—
—
RF to IF
5 - 50 MHz
50 - 500 MHz
dB
dB
20
20
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
DC Offset
mV
—
<3
—
RF Input
2
1 dB Compression
1 dB Desensitization
dBm
dBm
—
—
+2
-1.5
—
—
SSB Noise Figure
Within 1 dB of Conversion Loss
Max.
—
—
—
—
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
2. Measured at 100 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com