Electronic Components Datasheet Search
  English  ▼

X  

24C02C Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C02C
Description  2K 5.0V I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C02C Datasheet(HTML) 1 Page - Microchip Technology

  24C02C Datasheet HTML 1Page - Microchip Technology 24C02C Datasheet HTML 2Page - Microchip Technology 24C02C Datasheet HTML 3Page - Microchip Technology 24C02C Datasheet HTML 4Page - Microchip Technology 24C02C Datasheet HTML 5Page - Microchip Technology 24C02C Datasheet HTML 6Page - Microchip Technology 24C02C Datasheet HTML 7Page - Microchip Technology 24C02C Datasheet HTML 8Page - Microchip Technology 24C02C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21202J-page 1
24C02C
Features:
• Single-Supply with Operation from 4.5V to 5.5V
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 5
μA, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Fast Page or Byte Write Time 1 ms, typical
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect for Upper Half of the
Array (80h-FFh)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Packages Include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN and MSOP
• Pb-Free and RoHS Compliant
• Temperature ranges:
Description:
The Microchip Technology Inc. 24C02C is a 2K bit
Serial Electrically Erasable PROM with a voltage range
of 4.5V to 5.5V. The device is organized as a single
block of 256 x 8-bit memory with a 2-wire serial
interface. Low-current design permits operation with
max. standby and active currents of only 5
μA and 1
mA, respectively. The device has a page write capabil-
ity for up to 16 bytes of data and has fast write cycle
times of only 1 ms for both byte and page writes.
Functional address lines allow the connection of up to
eight 24C02C devices on the same bus for up to 16K
bits of contiguous EEPROM memory. The device is
available in the standard 8-pin PDIP, 8-pin SOIC (3.90
mm), 8-pin 2x3 DFN and TDFN, 8-pin MSOP and
TSSOP packages.
Block Diagram
Package Types
- Industrial (I):
-40°C
to
+85°C
- Automotive (E):
-40°C
to +125°C
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
Vcc
Vss
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
2K 5.0V I2C™ Serial EEPROM


Similar Part No. - 24C02C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
394Kb / 24P
2K 5.0V I2C??Serial EEPROM
2007
24C02C-EP MICROCHIP-24C02C-EP Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C02C-ESN MICROCHIP-24C02C-ESN Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C02C-EST MICROCHIP-24C02C-EST Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
More results

Similar Description - 24C02C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
2K 5.0V I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24VL024 MICROCHIP-24VL024 Datasheet
488Kb / 30P
2K I2C??Serial EEPROM
2009
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
2K 5.0V I2C Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com