Electronic Components Datasheet Search
  English  ▼

X  

MP103 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP103
Description  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP103 Datasheet(HTML) 1 Page - Cirrus Logic

  MP103 Datasheet HTML 1Page - Cirrus Logic MP103 Datasheet HTML 2Page - Cirrus Logic MP103 Datasheet HTML 3Page - Cirrus Logic MP103 Datasheet HTML 4Page - Cirrus Logic MP103 Datasheet HTML 5Page - Cirrus Logic MP103 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP103
MP103U
1
MP103
GENERAL DESCRIPTION
The MP103 is a high voltage, high output current
dual channel operational amplifier for driving capaci-
tive loads such as piezo devices use in ink jet print-
ing applications. The MP103 utilizes proprietary IC’s
combined with discrete semiconductor and passive
elements on a thermally conductive insulated metal
substrate, delivering very high power from a compact
module. The amplifier gain is fixed at 65 V/V when
the feedback pin is connected to the V
OUT pin. Internal
compensation provides optimum slew rate and insures
stability. The only external components required are
the current limit resistors R
LIM, a series isolation resis-
tor R
S and the power supply bypass capacitors.
FEATURES
♦ Low Cost Integrated Solution
♦ Output Current >10A Within SOA
♦ Internal Power Dissipation 35 W Per Channel
♦ 167V/µS Slew Rate
APPLICATIONS
♦ Piezoelectric Actuation For Ink Jet Printer
Nozzles
Power Operational Amplifiers
MP103
P r o d u c t I n n o v a t i o n F r o m
EQUIVALENT CIRCUIT DIAGRAM
Feedback A
-Vs
IN_A
+Vaux
+Vs
Out B
IL
Out A
Feedback B
-Vs
+Vs
IL
-Vs
+Vs
IL
-Vs
+Vs
IL
-Vs
+Vs
IL
-Vs
+Vs
IL
IN_B
GND
-5V
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
SEP 2009
APEX − MP103UREVA


Similar Part No. - MP103

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP103 MPS-MP103 Datasheet
711Kb / 20P
Higher Power Offline Inductor-Less Regulator For Low Power Applications
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
MP103GN MPS-MP103GN Datasheet
711Kb / 20P
Higher Power Offline Inductor-Less Regulator For Low Power Applications
More results

Similar Description - MP103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com