Electronic Components Datasheet Search
  English  ▼

X  

MP108 Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP108
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP108 Datasheet(HTML) 1 Page - Cirrus Logic

  MP108 Datasheet HTML 1Page - Cirrus Logic MP108 Datasheet HTML 2Page - Cirrus Logic MP108 Datasheet HTML 3Page - Cirrus Logic MP108 Datasheet HTML 4Page - Cirrus Logic MP108 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP108 • MP108A
MP108U
1
MP108, MP108A
Power Operational Amplifier
MP108 • MP108A
P r o d u c t I n n o v a t i o n F r o m
FEATURES
• LOW COST
• HIGH VOLTAGE - 200 VOLTS
• HIGH OUTPUT CURRENT - 10 AMPS
• 100 WATT DISSIPATION CAPABILITY
• 300kHz POWER BANDWIDTH
APPLICATIONS
• INKJET PRINTER HEAD DRIVE
• PIEZO TRANSDUCER DRIVE
• INDUSTRIAL INSTRUMENTATION
• REFLECTOMETERS
• ULTRA-SOUND TRANSDUCER DRIVE
DESCRIPTION
TheMP108operationalamplifierisasurfacemountconstructed
component that provides a cost effective solution in many indus-
trial applications. The MP108 offers outstanding performance
that rivals much more expensive hybrid components yet has a
footprint of only 4 sq in. The MP108 has many optional features
such as four-wire current limit sensing and external compensation.
The 300 kHz power bandwidth and 10 amp output of the MP108
makes it a good choice for piezo transducer drive applications.
The MP108 is built on a thermally conductive but electrically
insulating substrate that can be mounted to a heat sink.
EQUIVALENT CIRCUIT DIAGRAM
34-PIN DIP
PACKAGE STYLE FD
TYPICAL APPLICATION
INKJET NOZZLE DRIVE
The MP108's fast slew rate and wide power bandwith make
it an ideal nozzle driver for industrial inkjet printers.The 10 amp
output capability can drive hundreds of nozzles simultaneously.
EXTERNAL CONNECTIONS
R1
R12
R9
R10
Q1A
Q1B
Q15A
Q15B
R2
R11
R8
Q14
Q24
R20
+Vs
-IN
+IN
-Vs
+Vb
R7
Q2
R3
R19
Q23
-Vb
Q3
Q22
R17
R5
Q12 Q13
Q4
Cc2
Cc1
C1
C3
GND
GND
R15
Q17
IC1
+Ilim
-Ilim
D2
Q11
Q16
OUT
-Vb
+Vb
C5
SUBSTRATE
BACKPLATE
+Vs
+Vs
-Vs
-Vs
OUT
OUT
OUT
OUT
OUT
BACK
PLATE
TP
D1
Q8
Q7
Q9
Q6
Q20
Q19
Q21
Q18
8
4
3
2
1
34
5
6
25
33
32
30
11
14
15
16
27
12
13
28
20
21
22
17
18
19
CC
+VS
-VS
OUT
CC2
CC1
GND
GND
+VB
+VS
-VB
-VS
-ILIM
+ILIM
RLIM
RF
RI
PIEZO
TRANSDUCER
PRINT
NOZZLE
COMMAND
VOLTAGE
-IN
+IN
+VB
-VB
CC2
GND
GND
1
2
3
4
5
6
7
8
31
32
29
30
28
27
26
25
33
34
CC1
-ILIM
+ILIM
CC
NOTES:
CC IS NPO (COG) RATED FOR FULL SUPPLY VOLTAGE +VS TO -VS
BOTH PINS 3 AND 32 REQUIRED CONNECTED TO SIGNAL GROUND
C2 AND C3 ELECTROLYTIC 10µF PER AMP OUTPUT CURRENT
C1,C4,C5-8 HIGH QUALITY CERAMIC 0.1µF
ALL OUTPUT PINS MUST BE TIED TOGETHER
VIEW FROM COMPONENT SIDE
PHASE COMPENSATION
GAIN W/O BOOST
1
4
10
CC
100pF
33pF
10pF
+
C1
C2
C4
+
C3
RLIM
9
10
11
12
22
24
23
21
+VS
+VS
+VS
OUT
NC
13
14
15
16
17
18
19
20
OUT
OUT
-VS
-VS
-VS
LOAD &
FEEDBACK
-VB
NC
NC
+VB
TYP. SLEW RATE
55 V/µS
135 V/µS
170 V/µS
OUT
OUT
OUT
BACK
PLT
TP
NC
NC
NC
NC
NC
C5
C6
C7
C8
GAIN W BOOST
1
3
10
CC
470pF
220pF
33pF
TYP. SLEW RATE
12 V/µS
35 V/µS
135 V/µS
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − MP108UREVD


Similar Part No. - MP108

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP108 APEX-MP108 Datasheet
303Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
Micro Commercial Compon...
MP108 MCC-MP108 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Cirrus Logic
MP108A APEX-MP108A Datasheet
303Kb / 4P
POWER OPERATIONAL AMPLIFIER
MP108FD APEX-MP108FD Datasheet
123Kb / 4P
POWER OPERATIONAL AMPLIFIER
logo
CHENG-YI ELECTRONIC CO....
MP108M CHENG-YI-MP108M Datasheet
126Kb / 2P
10 AMPS EPOXY BRIDGE RECTIFIER
More results

Similar Description - MP108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
List of Unclassifed Man...
TPA12 ETC2-TPA12 Datasheet
147Kb / 5P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com