Electronic Components Datasheet Search
  English  ▼

X  

MP108A Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP108A
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP108A Datasheet(HTML) 3 Page - Cirrus Logic

  MP108A Datasheet HTML 1Page - Cirrus Logic MP108A Datasheet HTML 2Page - Cirrus Logic MP108A Datasheet HTML 3Page - Cirrus Logic MP108A Datasheet HTML 4Page - Cirrus Logic MP108A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP108 • MP108A
MP108U
3
-40 -20 0
20 40 60 80 100
0
20
40
60
80
100
POWER DERATING
CASE TEMPERATURE, T
C (°C)
1
10
100
SUPPLY TO OUTPUT DIFFERENTIAL, V
S-VO (V)
1
10
200
0.2
20
SAFE OPERATING AREA
-50 -25
0
25
50
75 100
70
80
90
100
110
120
130
CASE TEMPERATURE, T
C (°C)
CURRENT LIMIT
QUIESCENT CURRENT vs. TEMPERATURE
CASE TEMPERATURE, (°C)
0
20 40 60
-20
-40
105
100
95
90
115
80 100
110
QUIESCENT CURRENT vs. SUPPLY
TOTAL SUPPLY VOLTAGE, V
S (V)
80
120
160
200
40
0
100
80
60
40
120
T
C = 85°C
T
C = -40°C
T
C = 25°C
HARMONIC DISTORTION
FREQUENCY, F (Hz)
30
30K
10K
1K
100
A
V = 20
C
C = 10pF
V
S = 52V
R
L = 4Ω
P O
=
200W
P
O =
10W
P O
= 100W
1
0.1
0.01
0.001
SMALL SIGNAL RESPONSE W/O BOOST
FREQUENCY, F (Hz)
10
1M
100K
10K
1K
100
10M
120
100
80
60
40
20
0
C
C = 10pF
C
C = 33pF
C
C = 100pF
R
L = 4Ω
I
O = 1A DC
SMALL SIGNAL RESPONSE W/ BOOST
FREQUENCY, F (Hz)
10
1M
100K
10K
1K
100
10M
120
100
80
60
40
20
0
C
C = 33pF
C
C = 220pF
C
C = 470pF
R
L = 4Ω
I
O = 1A
1
FREQUENCY, F (Hz)
200
20
100
10K
100K
1M
5M
POWER RESPONSE
2
3
2
1
1
PHASE RESPONSE W/ BOOST
FREQUENCY, F (Hz)
100K
5M
1M
90
120
150
180
210
1 C
C = 10pF
2 C
C = 33pF
3 C
C = 100pF
R
L = 4Ω
I
O = 1A
2
3
2
1
1
PHASE RESPONSE W/O BOOST
FREQUENCY, F (Hz)
300K
10M
1M
90
120
150
180
1 C
C = 10pF
2 C
C = 33pF
3 C
C = 100pF
R
L = 4Ω
I
O = 1A
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, I
O (A)
9
8
7
6
5
4
3
2
1
0
0
2
4
6
8
10
W/O BOOST FROM
+V
S
W/O BOOST
FROM
-VS
WITH BOOST
FROM +VS
WITH
BOOST
FROM
-V S
T
C = 25°C
50mS PULSE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com