Electronic Components Datasheet Search
  English  ▼

X  

FH2114 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FH2114
Description  RF Power MOSFET Transistor 75W, 30-90MHz, 24V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FH2114 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FH2114 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
RF Power MOSFET Transistor
75W, 30-90MHz, 24V
M/A-COM Products
Released; RoHS Compliant
FH2114
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Package Outline
Features
• N-Channel enhancement mode device
• Meets CECOM drawing A3012711
• Designed for frequency hopping systems
• 30-90 MHz
• Lower capacitances for broadband operation
• Lower noise figure than bipolar devices
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
16
Power Dissipation
159
Junction Temperature
200
Storage Temperature
-55 to +150
Thermal Resistance
1.1
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 100.0 mA
Drain-Source Leakage Current
IDSS
-
2.0
mA
VGS = 24.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
4.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
7.2
V
VDS = 27.0 V , IDS = 1000.0 mA
Forward Transconductance
GM
1.6
-
S
VDS = 24.0 V , IDS = 1000.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
210
pF
VDS = 30.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
160
pF
VDS = 30.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
25
pF
VDS = 30.0 V , F = 1.0 MHz
Power Gain
GP
13
-
dB
VDD = 24.0 V, IDQ = 1000 mA, POUT = 75.0 W F =88 MHz
Drain Efficiency
ŋD
65
-
%
VDD = 24.0 V, IDQ = 1000 mA, POUT = 75.0 W F =88 MHz
Load Mismatch Tolerance
VSWR-T
-
30:1
-
VDD = 24.0 V, IDQ = 1000 mA, POUT = 75.0 W F =88 MHz
LETTER
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
24.38
25.15
.960
990
B
18.29
18.54
.720
.730
C
21.36
21.74
.841
.856
D
12.60
12.85
.496
.506
E
5.33
5.59
.210
.220
F
5.08
5.33
.200
.210
G
3.81
4.06
.150
.160
H
3.10
3.15
.122
.128
J
2.51
2.67
.099
.105
K
4.06
4.57
.160
.180
L
6.68
7.49
.263
.295
M
.10
.15
.004
.005


Similar Part No. - FH2114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
More results

Similar Description - FH2114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FH2164 MACOM-FH2164 Datasheet
90Kb / 1P
RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
FH2114 MACOM-FH2114 Datasheet
73Kb / 1P
RF MOSFET Power Transistor, 75W, 24V 30-90 MHz
logo
M/A-COM Technology Solu...
FH2164 MA-COM-FH2164 Datasheet
85Kb / 1P
RF Power MOSFET Transistor 8W, 30-90MHz, 12V
logo
Delta Electronics, Inc.
PMC-24V075W1AA DELTA-PMC-24V075W1AA Datasheet
715Kb / 13P
24V 75W 1 Phase
logo
M/A-COM Technology Solu...
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
RF Power MOSFET Transistor
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
RF Power MOSFET Transistor
logo
Weidmuller
2660200283 WEIDMULLER-2660200283 Datasheet
150Kb / 3P
PRO PM 75W 24V 3.2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com