Electronic Components Datasheet Search
  English  ▼

X  

FH2164 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FH2164
Description  RF Power MOSFET Transistor 8W, 30-90MHz, 12V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FH2164 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FH2164 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
RF Power MOSFET Transistor
8W, 30-90MHz, 12V
M/A-COM Products
Released; RoHS Compliant
FH2164
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Package Outline
Features
• N-Channel enhancement mode device
• Meets CECOM drawing A3012715
• Designed for frequency hopping systems
• 30-90 MHz
• Lower capacitances for broadband operation
• Lower noise figure than bipolar devices
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
4*
Power Dissipation
61*
Junction Temperature
200
Storage Temperature
-55 to +150
Thermal Resistance
1.5
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 5.0 mA
Drain-Source Leakage Current
IDSS
-
1.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
1.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 100.0 mA
Forward Transconductance
GM
500
-
mS
VDS = 28.0 V , IDS = 1000.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
45
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
40
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
8
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
13
-
dB
VDD = 12.0 V, IDQ = 600 mA, POUT = 8.0 W F =88 MHz
Drain Efficiency
ŋD
55
-
%
VDD = 12.0 V, IDQ = 600 mA, POUT = 8.0 W F =88 MHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 12.0 V, IDQ = 600 mA, POUT = 8.0 W F =88 MHz
LETTER
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
20.70
20.96
.815
.825
B
14.35
14.61
.565
.575
C
15.67
17.45
.617
.687
D
6.27
6.53
.247
.257
E
6.22
6.48
.245
.255
F
6.22
6.48
.245
.255
G
1.40
1.65
.055
.065
H
1.40
1.65
.055
.065
J
2.92
3.18
.115
.125
K
1.40
1.65
0.55
0.65
L
1.96
2.46
0.77
0.97
M
3.61
4.37
.142
.172
N
.08
.13
.003
.005
*Per side


Similar Part No. - FH2164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FH2164 MACOM-FH2164 Datasheet
90Kb / 1P
RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
More results

Similar Description - FH2164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
DU1260T MACOM-DU1260T Datasheet
197Kb / 3P
RF MOSFET Power Transistor, 6OW, 12V 2 - 175 MHz
FH2164 MACOM-FH2164 Datasheet
90Kb / 1P
RF MOSFET Power Transistor, 8W, 12V 30 - 90 MHz
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2 Datasheet
152Kb / 7P
Silicon MOSFET Power Transistor, 520MHz, 8W
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1230S MA-COM-DU1230S Datasheet
160Kb / 3P
RF Power MOSFET Transistor 30W, 2-175MHz, 12V
DU1260T MA-COM-DU1260T Datasheet
156Kb / 3P
RF Power MOSFET Transistor 60W, 2-175MHz, 12V
FH2114 MA-COM-FH2114 Datasheet
86Kb / 1P
RF Power MOSFET Transistor 75W, 30-90MHz, 24V
logo
Mitsubishi Electric Sem...
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com