Electronic Components Datasheet Search
  English  ▼

X  

G40 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # G40
Description  Voltage-Controlled Attenuator Module 500 to 4000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

G40 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  G40 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. G40 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. G40 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Voltage-Controlled Attenuator Module
500 to 4000 MHz
Rev. V3
G40 / SMG40
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• WIDE BAND PERFORMANCE
• EXCELLENT INSERTION LOSS: < 3.0 dB (TYP.)
• HIGH DYNAMIC RANGE: 30 dB TO 3000 MHz (TYP.)
• FAST SWITCHING: < 0.5 µsec, 10 TO 90% (TYP.)
< 2 µsec, 0 TO 100% (TYP.)
Description
The G40 attenuator is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This design uses three pin diodes to provide a non linear
attenuation response across a broadband frequency range.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
G40
TO-8
SMG40
Surface Mount
CG40 **
SMA Connectorized
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
500-4200
500-4000
500-4000
Maximum Attenuation Available (min)
500-1000 MHz
1000-2000 MHz
2000-3000 MHz
3000-4000 MHz
dB
dB
dB
dB
>39
>33
>30
>28
34
28
25
23
33
27
24
22
Insertion Loss
500-2000 MHz
2000-4000 MHz
dB
dB
2.2
2.7
3.0
3.5
3.5
4.0
VSWR
500-3000 MHz
3000-4000 MHz
dB
dB
<1.7:1
<1.7:1
2.2:1
2.2:1
2.3:1
2.3:1
Flatness Over Frequency (max)
(Attenuation = min to 15 dB, 500-1000 MHz)
500-3000 MHz
500-4000 MHz
dB
dB
±0.3
±1.2
±0.8
±1.6
±1.0
±2.0
Switching Speed (max.)
10% - 90%
0% - 100%
µsec
µsec
<0.5
<2
0.8
4
0.9
5
Bias Voltage
Volts
+15
+15
+15
Bias Current (max)
mA
9.5
12
13
Control Voltage
Volts
0 to +15
0 to +15
0 to +15
Control Current (max)
mA
6
10
11
*Over temperature performance limits for part number CG40, guaranteed from 0
oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - G40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
XP Power Limited
G40 XPPOWER-G40 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G40 XPPOWER-G40 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
logo
TDK Electronics
G40-125-3P208 TDK-G40-125-3P208 Datasheet
118Kb / 2P
Programmable Power Supplies
G40-125-3P400 TDK-G40-125-3P400 Datasheet
118Kb / 2P
Programmable Power Supplies
More results

Similar Description - G40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com