Electronic Components Datasheet Search
  English  ▼

X  

PA12M/883 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA12M/883
Description  Table 4 Group A Inspection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA12M/883 Datasheet(HTML) 1 Page - Cirrus Logic

  PA12M/883 Datasheet HTML 1Page - Cirrus Logic PA12M/883 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA12M/883
PA12MU
1
PA12M/883
SG PARAMETER
SYMBOL
TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent current
I
Q
25°C
±40V
V
IN = 0, AV = 100, RCL = .1Ω
50
mA
1
Input offset voltage
V
OS
25°C
±40V
V
IN = 0, AV = 100
±6
mV
1
Input offset voltage
V
OS
25°C
±10V
V
IN = 0, AV = 100
±12
mV
1
Input offset voltage
V
OS
25°C
±45V
V
IN = 0, AV = 100
±7
mV
1
Input bias current, +IN
+I
B
25°C
±40V
V
IN = 0
±30
nA
1
Inout bias current,–IN
–I
B
25°C
±40V
V
IN = 0
±30
nA
1
Input offset current
I
OS
25°C
±40V
V
IN = 0
±30
nA
3
Quiescent current
I
Q
–55°C
±40V
V
IN = 0, AV = 100, RCL = .1Ω
100
mA
3
Input offset voltage
V
OS
–55°C
±40V
V
IN = 0, AV = 100
±11.2
mV
3
Input offset voltage
V
OS
–55°C
±10V
V
IN = 0, AV = 100
±17.2
mV
3
Input offset voltage
V
OS
–55°C
±45V
V
IN = 0, AV = 100
±12.2
mV
3
Input bias current, +IN
+I
B
–55°C
±40V
V
IN = 0
±115
nA
3
Input bias current,–IN
–I
B
–55°C
±40V
V
IN = 0
±115
nA
3
Input offset current
I
OS
–55°C
±40V
V
IN = 0
±115
nA
2
Quiescent current
I
Q
125°C
±40V
V
IN = 0, AV = 100, RCL = .1Ω
50
mA
2
Input offset voltage
V
OS
125°C
±40V
V
IN = 0, AV = 100
±12.5
mV
2
Input offset voltage
V
OS
125°C
±10V
V
IN = 0, AV = 100
±18.5
mV
2
Input offset voltage
V
OS
125°C
±45V
V
IN = 0, AV = 100
±13.5
mV
2
Input bias current, +IN
+I
B
125°C
±40V
V
IN = 0
±70
nA
2
Input bias current, –IN
–I
B
125°C
±40V
V
IN = 0
±70
nA
2
Input offset current
I
OS
125°C
±40V
V
IN = 0
±70
nA
4
Output voltage, I
O = 10A
V
O
25°C
±16V
R
L = 1Ω
10
V
4
Output voltage, I
O = 80mA
V
O
25°C
±45V
R
L = 500Ω
40
V
4
Output voltage, I
O = 5A
V
O
25°C
±35V
R
L = 6Ω
30
V
4
Current limits
I
CL
25°C
±14V
R
L = 6Ω, RCL = 1Ω
.6
.89
A
4
Stability/noise
E
N
25°C
±40V
R
L = 500Ω, CL = 1.5nF, / 1
1
mV
4
Slew rate
SR
25°C
±40V
R
L = 500Ω
2.5
10
V/µs
4
Open loop gain
A
OL
25°C
±40V
R
L = 500Ω, F = 10Hz
96
dB
4
Common mode rejection
CMR
25°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
74
dB
6
Output voltage, I
O = 8A
V
O
–55°C
±14V
R
L = 1Ω
8
V
6
Output voltage, I
O = 80mA
V
O
–55°C
±45V
R
L = 500Ω
40
V
6
Stability/noise
E
N
–55°C
±40V
R
L = 500Ω, CL = 1.5nF, / 1
1
mV
6
Slew rate
SR
–55°C
±40V
R
L = 500Ω
2.5
10
V/µs
6
Open loop gain
A
OL
–55°C
±40V
R
L = 500Ω, F = 10Hz
96
dB
6
Common mode rejection
CMR
–55°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
74
dB
5
Output voltage, I
O = 8A
V
O
125°C
±14V
R
L = 1Ω
8
V
5
Output voltage, I
O = 80mA
V
O
125°C
±45V
R
L = 500Ω
40
V
5
Stability/noise
E
N
125°C
±40V
R
L = 500Ω, CL = 1.5nF, / 1
1
mV
5
Slew rate
SR
125°C
±40V
R
L = 500Ω
2.5
10
V/µs
5
Open loop gain
A
OL
125°C
±40V
R
L = 500Ω, F = 10Hz
96
dB
5
Common mode rejection
CMR
125°C
±15V
R
L = 500Ω, F = DC, VCM = ±9V
74
dB
BURN IN CIRCUIT
/ 1 Minimum gain recommendation is either G = +4 (non-
inverting) or G = –3 (inverting).
/ 2 Input signals are calculated to result in internal power
dissipation of approximately 2.1W at case temperature =
125°C.
/ 3
These components are used to stabilize device due to
poor hgh frequency characteristics of burn in board.
100KΩ
1Ω
1Ω
100KΩ
+15V
–15V
5
6
2
1
8
3
20Ω
/3
/3
/2
U.U.T
4
Table 4 Group A Inspection
PA12M/883
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
SEP 2009
APEX − PA12MUREVL


Similar Part No. - PA12M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12M APEX-PA12M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
More results

Similar Description - PA12M/883

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08M APEX-PA08M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA21M APEX-PA21M Datasheet
25Kb / 1P
TABLE 4 GROUP A INSPECTION
PA74M APEX-PA74M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA85M APEX-PA85M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
PA241M APEX-PA241M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA02M CIRRUS-PA02M Datasheet
157Kb / 2P
Table 4 Group A Inspection
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA10M CIRRUS-PA10M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA61M CIRRUS-PA61M Datasheet
154Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com