Electronic Components Datasheet Search
  English  ▼

X  

2SC5612 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5612
Description  NPN TRILE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5612 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5612 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5612 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5612 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5612 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5612 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5612 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5612
2006-11-22
1
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5612
HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV
High Voltage
: VCBO = 2000 V
Low Saturation Voltage
: VCE (sat) = 3 V (Max.)
High Speed
: tf = 0.15µs (Typ.)
ABSOLUTE MAXIMUM RATINGS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Base Voltage
VCBO
2000
V
Collector−Emitter Voltage
VCEO
900
V
Emitter−Base Voltage
VEBO
5
V
DC
IC
22
Collector Current
Pulse
ICP
44
A
Base Current
IB
11
A
Collector Power Dissipation
PC
220
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-21F2A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC5612

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5610 SANYO-2SC5610 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SC5611 SANYO-2SC5611 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
California Eastern Labs
2SC5614 CEL-2SC5614 Datasheet
23Kb / 2P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC5619 ETC-2SC5619 Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC5619 ISAHAYA-2SC5619 Datasheet
236Kb / 5P
SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC5612

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2499 TOSHIBA-2SD2499 Datasheet
208Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2500 TOSHIBA-2SD2500 Datasheet
589Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TVs)
2SD2539 TOSHIBA-2SD2539 Datasheet
210Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2550 TOSHIBA-2SD2550 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2551 TOSHIBA-2SD2551 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2559 TOSHIBA-2SD2559 Datasheet
95Kb / 2P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2586 TOSHIBA-2SD2586 Datasheet
211Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
2SD2599 TOSHIBA-2SD2599 Datasheet
190Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
S2000N TOSHIBA-S2000N Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (COLOR TV HORIZONTAL OUTPUT, SWITCHING REGULATOR APPLICATIONS)
logo
Sanyo Semicon Device
2SD904 SANYO-2SD904 Datasheet
45Kb / 1P
NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR HORIZONTAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com