Electronic Components Datasheet Search
  English  ▼

X  

PA90 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA90
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA90 Datasheet(HTML) 2 Page - Cirrus Logic

  PA90 Datasheet HTML 1Page - Cirrus Logic PA90 Datasheet HTML 2Page - Cirrus Logic PA90 Datasheet HTML 3Page - Cirrus Logic PA90 Datasheet HTML 4Page - Cirrus Logic PA90 Datasheet HTML 5Page - Cirrus Logic PA90 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA90
2
PA90U
CAUTION ThePA90isconstructedfromMOSFETtransistors.ESDhandlingproceduresmustbeobserved.
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
S to -VS
400
V
OUTPUTCURRENT,source,sink,peak,withinSOA
350
mA
POWERDISSIPATION,continuous@T
C=25°C
30
W
INPUTVOLTAGE,differential
-20
20
V
INPUTVOLTAGE,commonmode
-V
S
V
S
V
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note2)
150
°C
TEMPERATURERANGE,storage
−40
85
°C
OPERATINGTEMPERATURERANGE,case
−25
85
°C
1. CHARACTERISTICS ANd SPECIfICATIoNS
AbSoLUTE MAXIMUM RATINgS
Parameter
Test Conditions1
Min
Typ
Max
Units
AMPLIfIER INPUT
OFFSETVOLTAGE,initial
0.5
2
mV
OFFSETVOLTAGEvs.temperature
Fulltemperaturerange
15
50
µV/°C
OFFSETVOLTAGEvs.supply
10
25
µV/V
OFFSETVOLTAGEvs.time
75
µV/kHz
BIASCURRENT,initial
200
2000
pA
BIASCURRENTvs.supply
4
pA/V
OFFSETCURRENT,initial
50
500
pA
INPUTIMPEDANCE,DC
1011
Ω
INPUT CAPACITANCE
4
pF
COMMONMODEVOLTAGERANGE
(Note 3)
±V
SŦ15
V
COMMONMODEREJECTION,DC
V
CM = ±90V
80
98
dB
NOISE
100KHzbandwidth,R
S=1KΩ,
C
C = OPEN
1
µVRMS
SPECIFICATIONS
1
2
3
4
5
6
7
8
9
10
–IN
+IN
RCL
+Vs
–Vs
TO LOAD
AND FEEDBACK
11
12
Rc
Cc
*
*
(See text.)
* Bypassing required.
IQ
12-pin SIP
PACKAgE
STYLE DP
Formedleadsavailable
SeepackageEE
EXTERNAL CONNECTIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com