Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 5 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA91
PA91U
5
gENERAL
PleasereadApplicationNote1"GeneralOperatingConsiderations"whichcoversstability,supplies,heatsinking,
mounting,currentlimit,SOAinterpretation,andspecificationinterpretation.Visitwww.cirrus.comfordesigntools
thathelpautomatetaskssuchascalculationsforstability,internalpowerdissipation,currentlimit;heatsinkselec-
tion;ApexPrecisionPower’scompleteApplicationNoteslibrary;TechnicalSeminarWorkbook;andEvaluationKits.
CURRENT LIMIT
Forproperoperation,thecurrentlimitresistor(R
CL)mustbeconnectedasshownintheexternalconnectiondia-
gram.Foroptimumreliabilitytheresistorvalueshouldbesetashighaspossible.Thevalueiscalculatedasfollows;
withthemaximumpracticalvalueof32ohms.
.65
R
CL =
I
LIM
SAFE OPERATINg AREA (SOA)
The MOSFET output stage of this power operational
amplifierhastwodistinctlimitations:
1. ThecurrenthandlingcapabilityoftheMOSFETge-
ometryandthewirebonds.
2. ThejunctiontemperatureoftheoutputMOSFETs.
NOTE:Theoutputstageisprotectedagainsttransient
flyback.However,forprotectionagainstsustained,high
energyflyback,externalfast-recoverydiodesshouldbe
used.
SAFE OPERATINg CURVES
The safe operating area curves define the maximum
additional internal power dissipation the amplifier can
toleratewhenitproducesthenecessaryoutputtodrive
anexternalload.
SOA
SUPPLY TO OUTPUT DIFFERENTIAL, V
S - VO (V)
25
50
75 100 125
250
500
500
300
200
100
50
30
20
10
PULSE CURVES @ 10% DUTY CYCLE MAX.
100mS
200mS
DC,
T
C
= 25°C
DC,
T
C
= 125°C
DC,
T
C
= 85°C
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONINg
Piezopositioningmaybeappliedtothefocusingofseg-
mented mirror systems. The composite mirror may be
composedofhundredsofelements,eachrequiringfocus-
ingundercomputercontrol.Insuchcomplexsystemsthe
PA91 reduces the costs of power supplies and cooling
withitsadvantagesoflowcostandlowquiescentpower
consumptionwhileincreasingcircuitdensitywiththeSIP
package.
PHASE COMPENSATION
gAIN
C
C*
R
C
≥1
68pF
100Ω
≥5
10pF
100Ω
≥10
4.7pF
0Ω
≥30
NONE
0Ω
*C
CToberatedforthefullsupplyvoltage+VSto–VS.UseNPOceramic(COG)type.
F
R
PA91
IN
R
1
2
6
7,8
9,10
11,12
PIEZO DRIVE
S
–V
S
+V
OUT
V
COMPUTER
FOCUS
COMMAND
VOLTAGE
CL
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com