Electronic Components Datasheet Search
  English  ▼

X  

PA96 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA96
Description  Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA96 Datasheet(HTML) 3 Page - Cirrus Logic

  PA96 Datasheet HTML 1Page - Cirrus Logic PA96 Datasheet HTML 2Page - Cirrus Logic PA96 Datasheet HTML 3Page - Cirrus Logic PA96 Datasheet HTML 4Page - Cirrus Logic PA96 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA96
PA96U
3
3
2
1
.2
.3
.4
.5
10
20 30 4050
100
200 300
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE, V
S –VO (V)
.1
SOA
T =
100ms
steady
state
T
C
=
125°C
steady
state
T
C
=
85°C
steady
state
T
C
=
25°C
CASE TEMPERATURE, °C
100
90
80
70
60
50
40
30
20
10
0
-35
125
105
85
65
45
25
5
-15
-55
POWER DERATING
POWER SUPPLY RAIL to RAIL
270
210
150
90
30
30.0
30.1
30.2
30.3
30.4
30.5
30.6
30.7
30.8
30.9
31.0
QUIESCENT CURRENT vs. POWER SUPPLY
TEMPERATURE, °C
50
45
40
35
30
25
20
15
10
5
0
-35
125
105
85
65
45
25
5
-15
-55
QUIESCENT CURRENT vs. TEMP.
POWER SUPPLY, RAIL to RAIL
2.5
2
1.5
1
.5
0
-.5
-1
-1.5
-2
-2.5
270
210
150
90
30
DC OFFSET vs. POWER SUPPLY
OUTPUT CURRENT, A
15
12
9
6
3
0
0.0
2.0
1.6
1.2
0.8
0.4
OUTPUT VOLTAGE SWING
V
O - (-VS)
V
S - VO
LARGE SIGNAL PULSE RESPONSE
TIME, (µsec)
125
-120
-75
-25
25
75
10
25
20
15
5
0
+V
S = 150V
-V
S = 150V
A = -100
C
C = 0
SMALL SIGNAL PULSE RESPONSE
TIME, (µsec)
10
-10
-6
-2
2
6
10
25
20
15
5
0
+V
S = 150V
-V
S = 150V
A = -100
C
C = 0
RAIL TO RAIL PULSE RESPONSE
TIME, (µsec)
250
-250
-150
-50
50
150
10
25
20
15
5
0
+V
S = 150V
-V
S = 150V
A = -100
C
C = 0
-V
S = -15V
-V
S = -150V
0 20 40 60 80 100 120 140 160
+V
S VOLTAGE
200
180
160
140
120
100
80
60
40
20
0
GAIN BANDWIDTH vs. +SUPPLY VOLTAGE
OPEN LOOP PHASE RESPONSE
FREQUENCY, (Hz)
90
-360
-270
-180
-90
0
1K
100M
10M
1M
100K
10K
100
10
330pF
22pF
0pF
330pF
22pF
0pF
OPEN LOOP FREQUENCY RESPONSE
FREQUENCY, (Hz)
160
-40
0
40
80
120
1K
100M
10M
1M
100K
10K
100
10
330pF
22pF
0pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com