Electronic Components Datasheet Search
  English  ▼

X  

PA241 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA241
Description  High Voltage Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA241 Datasheet(HTML) 4 Page - Cirrus Logic

  PA241 Datasheet HTML 1Page - Cirrus Logic PA241 Datasheet HTML 2Page - Cirrus Logic PA241 Datasheet HTML 3Page - Cirrus Logic PA241 Datasheet HTML 4Page - Cirrus Logic PA241 Datasheet HTML 5Page - Cirrus Logic PA241 Datasheet HTML 6Page - Cirrus Logic PA241 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA241
4
PA241U
OUTPUT VOLTAGE SWING
0
2
4
6
8
10
12
OUTPUT CURRENT, I
O (mA)
V
DROP- @85°C
V
DROP+ @85°C
V
DROP- @25°C
V
DROP+ @25°C
0
20
40
60
80
100 120
FREQUENCY, F (Hz)
POWER SUPPLY REJECTION
10
100
1K
10K
100K
40
50
60
70
80
90
100
POSITIVE
NEGATIVE
100
1K
FREQUENCY, F (Hz)
0
80
120
COMMON MODE REJECTION
20
60
100
10
10K
100K
40
QUIESCENT CURRENT
TOTAL SUPPLY VOLTAGE, (V)
115
105
95
85
120
110
100
90
80
100
150
200
250
300
350
IQ (-25°C)
IQ (25°C)
IQ (85°C)
COMPENSATION CAPACITANCE, CC (pF)
SLEW RATE
10 20 30 40 50
0
5
15
25
35
60 70
100
10K
FREQUENCY, F (Hz)
0.001
HARMONIC DISTORTION
10
1K
100K
0.1
0.01
1
30V P-P
60V P-P
180V P-P
AV = 20
CC = 15pF
RL = 2K
FREQUENCY, F (Hz)
100K
1M
10K
10
100
1000
POWER RESPONSE
.75pF
6.8pF
15pF
33pF
68pF
1M
10M
100K
10K
-170
-160
-150
-140
-130
-120
-180
PHASE RESPONSE
FREQUENCY, F (Hz)
68pF
15pF
6.8pF
.75pF
-110
-100
-90
10K
1K
100
10
68pF
15pF
6.8pF
.75pF
100
80
60
40
20
0
-20
SMALL SIGNAL RESPONSE
FREQUENCY, F (Hz)
10M
1M
100K
TC = 55°C
TC = 85°C
TC = 25°C
TC = 125°C
100
10
1
0.1
100
10
1
GAIN
GAIN AND COMPENSATION
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
ILIMIT VS. TEMPERATURE
-55 -35 -15 5 25 45 65 85 105 125
TEMPERATURE, (°C)
VBE+
VBE-
0
25
50
75
100
125
TEMPERATURE, T (°C)
0
3
6
POWER DERATING
15
9
12
PA241CE
PA241DF
T = T
A
T = T
C
T = T
A
T = T
C
PA241DW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com