Electronic Components Datasheet Search
  English  ▼

X  

PA243 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA243
Description  High Voltage Power Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA243 Datasheet(HTML) 5 Page - Cirrus Logic

  PA243 Datasheet HTML 1Page - Cirrus Logic PA243 Datasheet HTML 2Page - Cirrus Logic PA243 Datasheet HTML 3Page - Cirrus Logic PA243 Datasheet HTML 4Page - Cirrus Logic PA243 Datasheet HTML 5Page - Cirrus Logic PA243 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA243
PA243U
5
These limitations can be seen in the SOA (see Safe Operat-
ing Area graphs). Note that each pulse capability line shows
a constant power level (unlike second breakdown limitations
where power varies with voltage stress).These lines are shown
for a case temperature of 25°C and correspond to thermal re-
sistances of 5.2°C/W for the PA243DF. Pulse stress levels for
other case temperatures can be calculated in the same manner
as DC power levels at different temperatures.The output stage
is protected against transient flyback by the parasitic diodes of
the output stage MOSFET structure. However, for protection
against sustained high energy flyback external fast-recovery
diodes must be used.
HEATSinKinG
The PA243DF package has a large exposed integrated
copper heatslug to which the monolithic amplifier is directly
attached.The solder connection of the heatslug to a minimum
of 1 square inch foil area on the printed circuit board will result
in thermal performance of 25°C/W junction to air rating of the
PA243DF. Solder connection to an area of 1 to 2 square inches
is recommended. This may be adequate heatsinking but the
large number of variables involved suggest temperature mea-
surements be made on the top of the package. Do not allow
the temperature to exceed 85°C.
FIGURE1
OVERVOLTAGE pROTECTiOn
Although the PA241 can withstand differential input voltages
up to 16V, in some applications additional external protection
may be needed.Differential inputs exceeding 16V will be clipped
by the protection circuitry.However, if more than a few milliamps
of current is available from the overload source, the protection
circuitry could be destroyed. For differential sources above
16V, adding series resistance limiting input current to 1mA will
prevent damage.Alternatively, 1N4148 signal diodes connected
anti-parallel across the input pins is usually sufficient. In more
demanding applications where bias current is important, diode
connected JFETs such as 2N4416 will be required. See Q1
and Q2 in Figure 1. In either case the differential input voltage
will be clamped to 0.7V. This is sufficient overdrive to produce
the maximum power bandwidth.
+Vs
-Vs
OUT
+Vs
-Vs
Z1
Z2
-IN
+IN
Q1
Q2
In the case of inverting circuits where the +IN pin is grounded,
the diodes mentioned above will also afford protection from
excessive common mode voltage. In the case of non-invert-
ing circuits, clamp diodes from each input to each supply will
provide protection. Note that these diodes will have substantial
reverse bias voltage under normal operation and diode leak-
age will produce errors.
Some applications will also need over-voltage protection
devices connected to the power supply rails. Unidirectional
zener diode transient suppressors are recommended. The
zeners clamp transients to voltages within the power sup-
ply rating and also clamp power supply reversals to ground.
Whether the zeners are used or not the system power sup-
ply should be evaluated for transient performance including
power-on overshoot and power-off polarity reversals as well
as line regulation. See Z1 and Z2 in Figure 1.
AppLiCATiOn REFEREnCES:
For additional technical information please refer to the fol-
lowing Application Notes:
AN1: General Operating Considerations
AN3: Bridge Circuit Drives
AN25: Driving Capacitive Loads
AN38: Loop Stability with Reactive Loads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com