Electronic Components Datasheet Search
  English  ▼

X  

PB51 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PB51
Description  Power Booster Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PB51 Datasheet(HTML) 4 Page - Cirrus Logic

  PB51 Datasheet HTML 1Page - Cirrus Logic PB51 Datasheet HTML 2Page - Cirrus Logic PB51 Datasheet HTML 3Page - Cirrus Logic PB51 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
PB51
4
PB51U
STABILITY
Stability can be maximized by observing the following
guidelines:
1. Operate the booster in the lowest practical gain.
2. Operate the driver amplifier in the highest practical effective
gain.
3. Keep gain-bandwidth product of the driver lower than the
closed loop bandwidth of the booster.
4. Minimize phase shift within the loop.
A good compromise for (1) and (2) is to set booster gain from
3 to 10 with total (composite) gain at least a factor of 3 times
booster gain. Guideline (3) implies compensating the driver
as required in low composite gain configurations. Phase shift
within the loop (4) is minimized through use of booster and loop
compensation capacitors Cc and Cf when required. Typical
values are 5pF to 33pF.
Stability is the most difficult to achieve in a configuration where
driver effective gain is unity (ie; total gain = booster gain). For
this situation, Table 1 gives compensation values for optimum
square wave response with the op amp drivers listed.
SLEWRATE
The slew rate of the composite amplifier is equal to the slew
rate of the driver times the booster gain, with a maximum value
equal to the booster slew rate.
OUTPUTSWING
The maximum output voltage swing required from the driver
op amp is equal to the maximum output swing from the booster
divided by the booster gain. The Vos of the booster must also
be supplied by the driver, and should be subtracted from the
available swing range of the driver. Note also that effects of Vos
drift and booster gain accuracy should be considered when
calculating maximum available driver swing.
GENERAL
Please readApplication Note 1 "General Operating Consider-
ations" which covers stability, supplies, heat sinking, mounting,
current limit, SOA interpretation, and specification interpretation.
Visit www.Cirrus.com for design tools that help automate tasks
such as calculations for stability, internal power dissipation,
current limit; heat sink selection; Cirrus’s complete Application
Notes library;Technical SeminarWorkbook;and Evaluation Kits.
CURRENTLIMIT
For proper operation, the current limit resistor (R
CL) must be
connected as shown in the external connection diagram. The
minimum value is 0.33 with a maximum practical value of 47.
For optimum reliability the resistor value should be set as high
as possible. The value is calculated as follows:
+I
L=.65/RCL+ .010, -IL = .65/RCL.
SAFEOPERATINGAREA
NOTE: The output stage is protected against transient flyback.
However, for protection against sustained, high energy fly-
back, external fast-recovery diodes should be used.
COMPOSITEAMPLIFIERCONSIDERATIONS
Cascading two amplifiers within a feedback loop has many
advantages, but also requires careful consideration of several
amplifier and system parameters. The most important of these
are gain, stability, slew rate, and output swing of the driver.
Operating the booster amplifier in higher gains results in a
higher slew rate and lower output swing requirement for the
driver, but makes stability more difficult to achieve.
GAINSET
The booster’s closed-loop gain is given by the equation above.
The composite amplifier’s closed loop gain is determined by the
feedback network, that is: –Rf/Ri (inverting) or 1+Rf/Ri (non-
inverting). The driver amplifier’s “effective gain” is equal to the
composite gain divided by the booster gain.
Example: Inverting configuration (figure 1) with
R i = 2K, R f = 60K, R g = 0 :
Av (booster) = (6.2K/3.1K) + 1 = 3
Av (composite) = 60K/2K = – 30
Av (driver) = – 30/3 = –10
t =
100ms
steady
state
T
C
= 25°C
steady
state
T
C
= 85°C
steady
state
T
C
= 125°C
3
2
1
.2
.3
.4
.5
10
20
30 40 50
100
200 300
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE, V
S –VO (V)
.1
SOA
OP
AMP
PB51
C
F
R
F
R
I
+15V
–15V
IN
COM
+Vs
–Vs
R
CL
OUT
C
C
R
G
R
L
V
IN
GAIN
COMP
C
CH
FIGURE 2. NON-INVERTING COMPOSITE AMPLIFIER.
RG = [(Av-1) • 3.1K] - 6.2K
RG + 6.2K
Av =
+1
3.1K
DRIVER
CCH
CF
CC
FPBW
SR
OP07
-
22p
22p
4kHz
1.5
741
-
18p
10p
20kHz
7
LF155
-
4.7p
10p
60kHz
>60
LF156
-
4.7p
10p
80kHz
>60
TL070
22p
15p
10p
80kHz
>60
For: RF = 33K, RI = 3.3K, RG = 22K
TABLE 1.TYPICAL VALUES FOR CASE WHERE OP AMP
EFFECTIVE GAIN = 1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com