Electronic Components Datasheet Search
  English  ▼

X  

PB58 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PB58
Description  Power Booster Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PB58 Datasheet(HTML) 1 Page - Cirrus Logic

  PB58 Datasheet HTML 1Page - Cirrus Logic PB58 Datasheet HTML 2Page - Cirrus Logic PB58 Datasheet HTML 3Page - Cirrus Logic PB58 Datasheet HTML 4Page - Cirrus Logic PB58 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PB58 • PB58A
PB58U
1
PB58, PB58A
FEATURES
•WIDESUPPLYRANGE—±15Vto±150V
•HIGHOUTPUTCURRENT—
1.5AContinuous(PB58)
2.0AContinuous(PB58A)
•VOLTAGEANDCURRENTGAIN
•HIGHSLEW—50V/µsMinimum(PB58)
75V/µsMinimum(PB58A)
•PROGRAMMABLEOUTPUTCURRENTLIMIT
•HIGHPOWERBANDWIDTH—320kHzMinimum
•LOWQUIESCENTCURRENT—12mATypical
•EVALUATIONKIT—SeeEK50
APPLICATIONS
•HIGHVOLTAGEINSTRUMENTATION
•ElectrostaticTRANSDUCERS&DEFLECTION
•ProgrammablePowerSuppliesUpto280Vp-p
DESCRIPTION
The PB58 is a high voltage, high current amplifier designed
to provide voltage and current gain for a small signal, general
purpose op amp. Including the power booster within the feed-
back loop of the driver amplifier results in a composite amplifier
with the accuracy of the driver and the extended output voltage
range and current capability of the booster.The PB58 can also
be used without a driver in some applications, requiring only
an external current limit resistor to function properly.
The output stage utilizes complementary MOSFETs, pro-
viding symmetrical output impedance and eliminating second
breakdown limitations imposed by Bipolar Transistors. Internal
feedback and gainset resistors are provided for a pin-strapable
gain of 3.Additional gain can be achieved with a single external
resistor. Compensation is not required for most driver/gain
configurations, but can be accomplished with a single external
capacitor. Enormous flexibility is provided through the choice
of driver amplifier, current limit, supply voltage, voltage gain,
and compensation.
This hybrid circuit utilizes a beryllia (BeO) substrate, thick
film resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is electrically isolated and hermetically sealed using
one-shot resistance welding.The use of compressible isolation
washers voids the warranty.
TYPICALAPPLICATION
Figure 1. Inverting
composite amplifier.
EQUIVALENTSCHEMATIC
EXTERNALCONNECTIONS
3
1
2
6
8
5
4
7
IN
GAIN
COM
COMP
Q1
Q4
Q2
Q3
Q5
Q6
Q7
Q8
Q10
Q9
+Vs
OUT
CL
–Vs
Q11
6.2K
50K
3.1K
1
2
3
4
5
6
7
8
TOP VIEW
CL
+V
S
IN
COM
–V
S
GAIN
R
G
COMP
C
C
OUT
R
CL
OP
AMP
PB58
C
F
R
F
V
IN
R
I
+15V
–15V
IN
COM
+Vs
–Vs
R
CL
OUT
C
C
R
G
R
L
8-PINTO-3
PACKAGESTYLECE
Power Booster Amplifier
PB58 • PB58A
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PB58UREVK


Similar Part No. - PB58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Lumileds Lighting Compa...
PB58 LUMILEDS-PB58 Datasheet
1Mb / 2P
Styling solution for front turn and side marker applications
logo
PACELEADER INDUSTRIAL
PB5817W PACELEADER-PB5817W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PB5818W PACELEADER-PB5818W Datasheet
547Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PB58

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1438R MOTOROLA-MC1438R Datasheet
377Kb / 6P
OPERATIONAL AMPLIFIERS POWER BOOSTER
logo
Cirrus Logic
PB50 APEX-PB50 Datasheet
246Kb / 4P
POWER BOOSTER AMPLIFIER
logo
List of Unclassifed Man...
PB58 ETC-PB58 Datasheet
69Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
PB58 APEX-PB58 Datasheet
250Kb / 4P
POWER BOOSTER AMPLIFIERS
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
Cirrus Logic
PB50 APEX-PB50_06 Datasheet
256Kb / 4P
POWER BOOSTER AMPLIFIER
PB50 CIRRUS-PB50 Datasheet
202Kb / 5P
Power Booster Amplifier
PB51 CIRRUS-PB51 Datasheet
148Kb / 4P
Power Booster Amplifier
logo
Texas Instruments
PT7742-3.3V TI1-PT7742-3.3V Datasheet
392Kb / 3P
Current Booster
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com