Electronic Components Datasheet Search
  English  ▼

X  

SA12 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA12
Description  Pulse Width Modulation Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA12 Datasheet(HTML) 4 Page - Cirrus Logic

  SA12 Datasheet HTML 1Page - Cirrus Logic SA12 Datasheet HTML 2Page - Cirrus Logic SA12 Datasheet HTML 3Page - Cirrus Logic SA12 Datasheet HTML 4Page - Cirrus Logic SA12 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA12
4
SA12U
the R
LIMIT resistors directly to the
GND pin.
Switching noise spikes will in-
variably be found at the I SENSE
pins. The noise spikes could trip
the current limit threshold which
is only 100 mV. R
FILTER and CFILTER
should be adjusted so as to reduce
the switching noise well
below100mVtoprevent
false current limiting.
The sum of the DC level
plus the noise peak will
determine the current
limiting value.As in most
switching circuits it may be difficult to determine the true noise
amplitude without careful attention to grounding of the oscil-
loscope probe. Use the shortest possible ground lead for the
probe and connect exactly at the GND terminal of the amplifier.
Suggested starting values are C
FILTER = .01uF, RFILTER = 5k .
The required value of R
LIMIT in voltage mode may be cal-
culated by:
R
LIMIT = .1 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the
maximum desired current. In current mode the required value
of each R
LIMIT is 2 times this value since the sense voltage is
divided down by 2 (see Figure B). If R
SHDN is used it will further
divide down the sense voltage.The shutdown divider network
will also have an effect on the filtering circuit.
BYPASSING
Adequate bypassing of the power supplies is required for
proper operation. Failure to do so can cause erratic and low
efficiency operation as well as excessive ringing at the out-
puts. The Vs supply should be bypassed with at least a 1µF
ceramic capacitor in parallel with another low ESR capacitor
of at least 10µF per amp of output current. Capacitor types
rated for switching applications are the only types that should
be considered. The bypass capacitors must be physically
connected directly to the power supply pins. Even one inch of
lead length will cause excessive ringing at the outputs. This
is due to the very fast switching times and the inductance of
the lead connection. The bypassing requirements of the Vcc
supply are less stringent, but still necessary. A .1µF to .47µF
ceramic capacitor connected directly to the Vcc pin will suffice.
MODULATIONRANGE
The high side of the all N channel H-bridge is driven by a
bootstrap circuit. For the output circuit to switch high, the low
side circuit must have previously been switched on in order to
charge the bootstrap capacitor. Therefore, if the input signal
to the SA12 demands a 100% duty cycle upon start-up the
output will not follow and will be in a tri-state (open) condition.
The ramp signal must cross the input signal at some point to
correctly determine the output state. After the ramp crosses the
input signal one time the output state will be correct thereafter.
In addition, if during normal operation the input signal drives
the SA12 beyond its linear modulation range (approximately
95%) the output will jump to 100% modulation.
GENERAL
Please read Application Note 30 on "PWM Basics". Refer
to Application Note 1 "General Operating Considerations" for
helpful information regarding power supplies, heat sinking
and mounting. Visit www.Cirrus.com for design tools that help
automate pwm filter design;heat sink selection;Apex Precision
Power’s completeApplication Notes library;Technical Seminar
Workbook; and Evaluation Kits.
CLOCKCIRCUITANDRAMPGENERATOR
The clock frequency is internally set to a frequency of ap-
proximately 400kHz. The CLK OUT pin will normally be tied
to the CLK IN pin. The clock is divided by two and applied to
an RC network which produces a ramp signal at the –PWM/
RAMP pin. An external clock signal can be applied to the CLK
IN pin for synchronization purposes. If a clock frequency lower
than 400kHz is chosen an external capacitor must be tied to
the –PWM/RAMP pin.This capacitor, which parallels an internal
capacitor, must be selected so that the ramp oscillates 4 volts
p-p with the lower peak 3 volts above ground.
PWMINPUTS
The full bridge driver may be accessed via the pwm input
comparator. When +PWM > -PWM then A OUT > B OUT. A
motion control processor which generates the pwm signal can
drive these pins with signals referenced to GND.
PROTECTIONCIRCUITS
A fixed internal current limit senses the high side current.
Should either of the outputs be shorted to ground the high
side current limit will latch off the output transistors. The tem-
perature of the output transistors is also monitored. Should a
fault condition raise the temperature of the output transistors
to 165°C the thermal protection circuit will latch off the output
transistors. The latched condition can be cleared by either
recycling the V
cc power or by toggling the I LIMIT/SHDN input
with a 10V pulse. See Figures A and B.The outputs will remain
off as long as the shutdown pulse is high (10V).
When supply voltage is over 100V, these circuits may not
protect the FET switches in the case of short circuits directly
at the pins of the amplifier. However, a small inductance be-
tween the amplifier and the short circuit will limit current rise
time and the protection circuits will be effective. A pair of 12
inch wires is adequate inductance.
CURRENTLIMIT
There are two load current
sensing pins, I SENSE A and
I SENSE B.The two pins can
be shorted in the voltage
mode connection but both
must be used in the current
modeconnection(seefigures
A and B). It is recommended
that R
LIMIT resistors be non-
inductive. Load current flows
in the I SENSE pins.To avoid errors due to lead lengths connect
the I LIMIT/SHDN pin directly to the R
LIMIT resistors (through
the filter network and shutdown divider resistor) and connect
I SENSE A
I SENSE B
I LIMIT/SHDN R FILTER
C FILTER
R LIMIT
IN4148
SHUTDOWN
SIGNAL
5K
FIGURE A. CURRENT LIMIT WITH
SHUTDOWN VOLTAGE MODE.
0/10V
I SENSE A
I SENSE B
I LIMIT/SHDN R FILTER
C FILTER
IN4148
0/10V
SHUTDOWN
SIGNAL
5K
5K
FIGURE B. CURRENT LIMIT WITH
SHUTDOWN CURRENT MODE.
R LIMIT
R LIMIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com