Electronic Components Datasheet Search
  English  ▼

X  

VRE205 Datasheet(PDF) 4 Page - Cirrus Logic

Part # VRE205
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE205 Datasheet(HTML) 4 Page - Cirrus Logic

  VRE205 Datasheet HTML 1Page - Cirrus Logic VRE205 Datasheet HTML 2Page - Cirrus Logic VRE205 Datasheet HTML 3Page - Cirrus Logic VRE205 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE205
4
VRE205DS
4. aPPlICaTION INFORMaTION
The proper connection of the VRE205 series voltage references with the optional trim resistor is shown below. Pay
careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines.
The VRE205 series voltage references have the ground terminal brought out on two pins (pin 9 and pin 10) which
are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage
references have a voltage drop across their power supply ground pin due to quiescent current flowing through the
contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20 ppm. By con-
necting pin 10 to the power supply ground and pin 9 to a high impedance ground point in the measurement circuit,
the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is
sufficiently small that it does not effect performance.
EXTERNal CONNECTIONS
11 12 13
9 10
18
17
16
15
14
4
5
6
7
8
1 20 19
3
2
+15V
VOUT = +5V
10KΩ
Ref. Gnd.
TOP VIEW
VRE205
4
5
6
7
8
19
20
1
2
3
NC
NC
TRIM
GND
REF GND
NC V
IN
NC NC NC
NC
NC
NC
NC
NC
13
12
11
10
9
NC NC NC V
OUT NC
18 17 16 15 14
Δ
CONTaCTING CIRRuS lOGIC SuPPORT
For all Apex Precision Power product questions and inquiries, call toll free 800-546-2739 in north America.
For inquiries via email, please contact tucson.support@cirrus.com.
International customers can also request support by contacting their local Cirrus Logic Sales Representative.
To find the one nearest to you, go to www.cirrus.com
IMPORTAnT nOTICE
Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject
to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant
information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. no responsibility is assumed by Cirrus
for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third
parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights,
copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives con-
sent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent
does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale.
CERTAIn APPLICATIOnS USInG SEMICOnDUCTOR PRODUCTS MAY InVOLVE POTEnTIAL RISKS OF DEATH, PERSOnAL InJURY, OR SEVERE PROP-
ERTY OR EnVIROnMEnTAL DAMAGE (“CRITICAL APPLICATIOnS”). CIRRUS PRODUCTS ARE nOT DESIGnED, AUTHORIZED OR WARRAnTED TO BE
SUITABLE FOR USE In PRODUCTS SURGICALLY IMPLAnTED InTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PROD-
UCTS OR OTHER CRITICAL APPLICATIOnS. InCLUSIOn OF CIRRUS PRODUCTS In SUCH APPLICATIOnS IS UnDERSTOOD TO BE FULLY AT THE CUS-
TOMER’S RISK AnD CIRRUS DISCLAIMS AnD MAKES nO WARRAnTY, EXPRESS, STATUTORY OR IMPLIED, InCLUDInG THE IMPLIED WARRAnTIES OF
MERCHAnTABILITY AnD FITnESS FOR PARTICULAR PURPOSE, WITH REGARD TO AnY CIRRUS PRODUCT THAT IS USED In SUCH A MAnnER. IF THE
CUSTOMER OR CUSTOMER’S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS In CRITICAL APPLICATIOnS, CUSTOMER AGREES,
BY SUCH USE, TO FULLY InDEMnIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AnD OTHER AGEnTS FROM AnY AnD ALL
LIABILITY, InCLUDInG ATTORnEYS’ FEES AnD COSTS, THAT MAY RESULT FROM OR ARISE In COnnECTIOn WITH THESE USES.
Cirrus Logic, Cirrus, and the Cirrus Logic logo designs, Apex Precision Power, Apex and the Apex Precision Power logo designs are trademarks of Cirrus Logic, Inc.
All other brand and product names in this document may be trademarks or service marks of their respective owners.
PIN CONFIGuRaTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com