Electronic Components Datasheet Search
  English  ▼

X  

VRE302JD Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE302JD
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE302JD Datasheet(HTML) 2 Page - Cirrus Logic

  VRE302JD Datasheet HTML 1Page - Cirrus Logic VRE302JD Datasheet HTML 2Page - Cirrus Logic VRE302JD Datasheet HTML 3Page - Cirrus Logic VRE302JD Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE302
VRE302DS
65
1. CHARACtERiStiCS AnD SPECifiCAtionS
ElECTRICal SPECIFICaTIONS
V
PS =±15V, T = +25ºC, RL = 10KΩ Unless Otherwise Noted.
Model
a/J
K
C/l
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
units
aBSOluTE MaXIMuM RaTINGS
Power Supply
±13.5
±15
±22
*
*
*
*
*
*
V
Operating Temperature (A,B)
0
+70
*
*
*
*
ºC
Operating Temperature (K)
-40
+85
*
*
*
*
ºC
Storage Temperature
-65
+150
*
*
*
*
ºC
Short Circuit Protection
Continuous
*
*
OuTPuT VOlTaGE
VRE302
+2.5
*
*
V
Temp. Sensor Voltage (Note 1)
630
*
*
mV
OuTPuT VOlTaGE ERRORS
Initial Error
(Note 2)
0.25
0.40
0.50
mV
Warmup Drift
1
2
3
ppm
T
MIN - TMAX
(Note3)
0.6
1.0
2.0
ppm/ºC
Long-Term Stability
6
*
*
ppm/1000hrs.
Noise (0.1 - 10Hz)
(Note 4)
1.5
*
*
µVpp
OuTPuT CuRRENT
Range
±10
*
mA
REGulaTION
Line
6
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
OuTPuT aDJuSTMENT
Range
10
*
*
mV
POWER SuPPlY CuRRENT (Note 5)
VRE302 +PS
5
7
*
*
*
*
mA
NOTES:
* Same as A Models.
1. The temp. reference TC is 2.1mV/ ºC
2. The specified values are without external trim.
3. The temperature coefficient is determined by the box method using the following formula:
4. The specified values are without the external noise reduction capacitor.
5. The specified values are unloaded.
V
NOMINAL x (TMAX – TMIN)
V
MAX – VMIN
T.C. =
x 106



Html Pages

1 2 3 4