Electronic Components Datasheet Search
  English  ▼

X  

MCP3204 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3204
Description  2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3204 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3204 Datasheet HTML 15Page - Microchip Technology MCP3204 Datasheet HTML 16Page - Microchip Technology MCP3204 Datasheet HTML 17Page - Microchip Technology MCP3204 Datasheet HTML 18Page - Microchip Technology MCP3204 Datasheet HTML 19Page - Microchip Technology MCP3204 Datasheet HTML 20Page - Microchip Technology MCP3204 Datasheet HTML 21Page - Microchip Technology MCP3204 Datasheet HTML 22Page - Microchip Technology MCP3204 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
© 2008 Microchip Technology Inc.
DS21298E-page 19
MCP3204/3208
5.0
SERIAL COMMUNICATIONS
Communication with the MCP3204/3208 devices is
accomplished using a standard SPI-compatible serial
interface. Initiating communication with either device is
done by bringing the CS line low (see Figure 5-1). If the
device was powered up with the CS pin low, it must be
brought high and back low to initiate communication.
The first clock received with CS low and DIN high will
constitute a start bit. The SGL/DIFF bit follows the start
bit and will determine if the conversion will be done
using single-ended or differential input mode. The next
three bits (D0, D1 and D2) are used to select the input
channel configuration. Table 5-1 and Table 5-2 show
the configuration bits for the MCP3204 and MCP3208,
respectively. The device will begin to sample the
analog input on the fourth rising edge of the clock after
the start bit has been received. The sample period will
end on the falling edge of the fifth clock following the
start bit.
Once the D0 bit is input, one more clock is required to
complete the sample and hold period (D
IN is a “don’t
care” for this clock). On the falling edge of the next
clock, the device will output a low null bit. The next 12
clocks will output the result of the conversion with MSB
first, as shown in Figure 5-1. Data is always output from
the device on the falling edge of the clock. If all 12 data
bits have been transmitted and the device continues to
receive clocks while the CS is held low, the device will
output the conversion result LSB first, as shown in
Figure 5-2. If more clocks are provided to the device
while CS is still low (after the LSB first data has been
transmitted), the device will clock out zeros indefinitely.
If necessary, it is possible to bring CS low and clock in
leading zeros on the DIN line before the start bit. This is
often done when dealing with microcontroller-based
SPI ports that must send 8 bits at a time. Refer to
Section 6.1 “Using the MCP3204/3208 with Micro-
controller (MCU) SPI Ports”
for more details on using
the MCP3204/3208 devices with hardware SPI ports.
TABLE 5-1:
CONFIGURATION BITS FOR
THE MCP3204
TABLE 5-2:
CONFIGURATION BITS FOR
THE MCP3208
Control Bit
Selections
Input
Configuration
Channel
Selection
Single/
Diff
D2* D1
D0
1
X
0
0
single-ended
CH0
1
X
0
1
single-ended
CH1
1
X
1
0
single-ended
CH2
1
X
1
1
single-ended
CH3
0
X
0
0
differential
CH0 = IN+
CH1 = IN-
0
X
0
1
differential
CH0 = IN-
CH1 = IN+
0
X
1
0
differential
CH2 = IN+
CH3 = IN-
0
X
1
1
differential
CH2 = IN-
CH3 = IN+
*
D2 is a “don’t care” for MCP3204
Control Bit
Selections
Input
Configuration
Channel
Selection
Single
/Diff
D2
D1 D0
1
0
0
0
single-ended
CH0
1
0
0
1
single-ended
CH1
1
0
1
0
single-ended
CH2
1
0
1
1
single-ended
CH3
1
1
0
0
single-ended
CH4
1
1
0
1
single-ended
CH5
1
1
1
0
single-ended
CH6
1
1
1
1
single-ended
CH7
0
0
0
0
differential
CH0 = IN+
CH1 = IN-
0
0
0
1
differential
CH0 = IN-
CH1 = IN+
0
0
1
0
differential
CH2 = IN+
CH3 = IN-
0
0
1
1
differential
CH2 = IN-
CH3 = IN+
0
1
0
0
differential
CH4 = IN+
CH5 = IN-
0
1
0
1
differential
CH4 = IN-
CH5 = IN+
0
1
1
0
differential
CH6 = IN+
CH7 = IN-
0
1
1
1
differential
CH6 = IN-
CH7 = IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com