Electronic Components Datasheet Search
  English  ▼

X  

MCP6141 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 11Page - Microchip Technology MCP6141 Datasheet HTML 12Page - Microchip Technology MCP6141 Datasheet HTML 13Page - Microchip Technology MCP6141 Datasheet HTML 14Page - Microchip Technology MCP6141 Datasheet HTML 15Page - Microchip Technology MCP6141 Datasheet HTML 16Page - Microchip Technology MCP6141 Datasheet HTML 17Page - Microchip Technology MCP6141 Datasheet HTML 18Page - Microchip Technology MCP6141 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 15
MCP6141/2/3/4
4.0
APPLICATIONS INFORMATION
The MCP6141/2/3/4 family of op amps is manufactured
using Microchip’s state of the art CMOS process These
op amps are stable for gains of 10 V/V and higher. They
are suitable for a wide range of general purpose, low
power applications.
See Microchip’s related MCP6041/2/3/4 family of op
amps for applications needing unity gain stability.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERSAL
The MCP6141/2/3/4 op amps are designed to not
exhibit phase inversion when the input pins exceed the
supply voltages. Figure 2-10 shows an input voltage
exceeding both supplies with no phase inversion.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass
quick ESD events within the specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
(and voltages) at the input pins (see Absolute
Maximum Ratings † at the beginning of Section 1.0
“Electrical Characteristics”). Figure 4-2 shows the
recommended approach to protecting these inputs.
The internal ESD diodes prevent the input pins (VIN+
and VIN–) from going too far below ground, and the
resistors R1 and R2 limit the possible current drawn out
of the input pins. Diodes D1 and D2 prevent the input
pins (VIN+ and VIN–) from going too far above VDD, and
dump any currents onto VDD. When implemented as
shown, resistors R1 and R2 also limit the current
through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of the
resistor R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN–) should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-33. Applications that are high impedance may
need to limit the usable voltage range.
4.1.3
NORMAL OPERATION
The input stage of the MCP6141/2/3/4 op amps uses
two differential input stages in parallel. One operates at
a low common mode input voltage (VCM), while the
other operates at a high VCM. With this topology, the
device operates with a VCM up to 300 mV above VDD
and 300 mV below VSS. The input offset voltage is
measured at VCM =VSS – 0.3V and VDD + 0.3V to
ensure proper operation.
There are two transitions in input behavior as VCM is
changed. The first occurs, when VCM is near
VSS + 0.4V, and the second occurs when VCM is near
VDD – 0.5V (see Figure 2-3 and Figure 2-6). For the
best distortion performance with non-inverting gains,
avoid these regions of operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
MCP604X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
VOUT
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com