Electronic Components Datasheet Search
  English  ▼

X  

MB39C308 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB39C308
Description  6ch DC/DC Converter IC for LPIA Platform VR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB39C308 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB39C308 Datasheet HTML 1Page - fujitsu semiconductor MB39C308 Datasheet HTML 2Page - fujitsu semiconductor MB39C308 Datasheet HTML 3Page - fujitsu semiconductor MB39C308 Datasheet HTML 4Page - fujitsu semiconductor MB39C308 Datasheet HTML 5Page - fujitsu semiconductor MB39C308 Datasheet HTML 6Page - fujitsu semiconductor MB39C308 Datasheet HTML 7Page - fujitsu semiconductor MB39C308 Datasheet HTML 8Page - fujitsu semiconductor MB39C308 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MB39C308
2
DS04-27261-6E
(Continued)
• PWM switching frequency
: 0.7 MHz
(CH4 : 0.7 MHz/0.35 MHz)
• Various protection
- Over current protection (OCP)
- Input over voltage protection (IVP)
- Output short circuit protection (SCP) - Under voltage lock out protection (UVLO)
- Output over voltage protection (OVP) - Over temperature protection (OTP)
• POWERGOOD function
• Soft start function independent from output loads.
• Soft stop function independent from output loads.
• High conversion efficiency in wide range of load current.
• Packaged in a compact package
: PFBGA-208 (9.00 mm
× 9.00 mm × 1.30 mm)
■ APPLICATIONS
• UMPC (Ultra Mobile PC)
• MID (Mobile Internet Device)
• Mobile equipment
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com