Electronic Components Datasheet Search
  English  ▼

X  

MB91F627 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F627
Description  32-bit Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F627 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F627 Datasheet HTML 9Page - fujitsu semiconductor MB91F627 Datasheet HTML 10Page - fujitsu semiconductor MB91F627 Datasheet HTML 11Page - fujitsu semiconductor MB91F627 Datasheet HTML 12Page - fujitsu semiconductor MB91F627 Datasheet HTML 13Page - fujitsu semiconductor MB91F627 Datasheet HTML 14Page - fujitsu semiconductor MB91F627 Datasheet HTML 15Page - fujitsu semiconductor MB91F627 Datasheet HTML 16Page - fujitsu semiconductor MB91F627 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
MB91625 Series
DS07-16908-1E
13
(Continued)
Pin no.
Pin name
I/O
circuit
type*1
Function
CMOS
level
input
CMOS
level
hysteresis
input
LQFP-100
48
P90
F
General-purpose I/O port
⎯
DA0
8-bit D/A converter ch.0 analog output pin
⎯⎯
49
P91
F
General-purpose I/O port
⎯
DA1
8-bit D/A converter ch.1 analog output pin
⎯⎯
50
VSS
⎯
GND pin
⎯⎯
51
VCC
⎯
Power pin
⎯⎯
52
P92
C
General-purpose I/O port
⎯
53
PA0
C
General-purpose I/O port
⎯
INT16_1
External interrupt request 16 input pin (Port 1)
⎯
54
PA1
C
General-purpose I/O port
⎯
INT17_1
External interrupt request 17 input pin (Port 1)
⎯
55
PA2
C
General-purpose I/O port
⎯
TMO0_1
16-bit reload timer ch.0 output pin (Port 1)
⎯⎯
INT18_1
External interrupt request 18 input pin (Port 1)
⎯
56
PA3
C
General-purpose I/O port
⎯
TMO1_1
16-bit reload timer ch.1 output pin (Port 1)
⎯⎯
INT19_1
External interrupt request 19 input pin (Port 1)
⎯
57
PA4
C
General-purpose I/O port
⎯
TMO2_1
16-bit reload timer ch.2 output pin (Port 1)
⎯⎯
INT20_1
External interrupt request 20 input pin (Port 1)
⎯
58
PA5
C
General-purpose I/O port
⎯
TMI0_1
16-bit reload timer ch.0 input pin (Port 1)
⎯
INT21_1
External interrupt request 21 input pin (Port 1)
⎯
59
PA6
C
General-purpose I/O port
⎯
TMI1_1
16-bit reload timer ch.1 input pin (Port 1)
⎯
INT22_1
External interrupt request 22 input pin (Port 1)
⎯
60
PA7
C
General-purpose I/O port
⎯
TMI2_1
16-bit reload timer ch.2 input pin (Port 1)
⎯
INT23_1
External interrupt request 23 input pin (Port 1)
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com