Electronic Components Datasheet Search
  English  ▼

X  

VIV0104THJ Datasheet(PDF) 14 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 14 Page - Vicor Corporation

Back Button VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation VIV0104THJ Datasheet HTML 10Page - Vicor Corporation VIV0104THJ Datasheet HTML 11Page - Vicor Corporation VIV0104THJ Datasheet HTML 12Page - Vicor Corporation VIV0104THJ Datasheet HTML 13Page - Vicor Corporation VIV0104THJ Datasheet HTML 14Page - Vicor Corporation VIV0104THJ Datasheet HTML 15Page - Vicor Corporation VIV0104THJ Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
VIV0104THJ
Rev. 1.3
9/2009
Page 14 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
8.0 INPUT AND OUTPUT FILTER DESIGN
A major advantage of a SAC systems versus conventional PWM
converter is that the former does not require large functional
filters. The resonant LC tank, operated at extreme high frequency,
is amplitude modulated as function of input voltage and
output current and efficiently transfers charge through the
isolation transformer. A small amount of capacitance embedded
in the input and output stages of the module is sufficient for
full functionality and is key to achieve power density.
This paradigm shift requires system design to carefully evaluate
external filters in order to:
1.Guarantee low source impedance:
To take full advantage of the VTM dynamic response, the
impedance presented to its input terminals must be low
from DC to approximately 5 MHz. The connection of the
V•I Chip to its power source should be implemented with
minimal distribution inductance. If the interconnect
inductance exceeds 100 nH, the input should be bypassed
with a RC damper to retain low source impedance and
stable operation. With an interconnect inductance of
200 nH, the RC damper may be as high as 47
µF in series
with 0.3
Ω . A single electrolytic or equivalent low-Q
capacitor may be used in place of the series RC bypass
2.Further reduce input and/or output voltage ripple without
sacrificing dynamic response:
Given the wide bandwidth of the VTM, the source
response is generally the limiting factor in the overall
system response. Anomalies in the response of the source
will appear at the output of the VTM multiplied by its
K factor.
3.Protect the module from overvoltage transients imposed
by the system that would exceed maximum ratings and
cause failures:
The V•I Chip input/output voltage ranges shall not be
exceeded. An internal overvoltage lockout function
prevents operation outside of the normal operating input
range. Even during this condition, the powertrain is
exposed to the applied voltage and power MOSFETs must
withstand it. A criterion for protection is the maximum
amount of energy that the input or output switches can
tolerate if avalanched.
Owing to the wide bandwidth and low output impedance of
the VTM, low frequency bypass capacitance and significant
energy storage may be more densely and efficiently provided
by adding capacitance at the input of the VTM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com