Electronic Components Datasheet Search
  English  ▼

X  

LP3987 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3987
Description  300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3987 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3987
LP3987-datasheet
Oct.-2003
1-1
300mA,Ultra-LowNoise
Ultra-fast CMOS LDO Regrlator
General Description
The LP3987 is designed for portable RF and
wireless applications with demanding performance
and space requirements. The LP3987 performance
is optimized for battery-powered systems to deliver
ultra low noise and low quiescent current. A noise
bypass pin is available for further reduction of
output noise. Regulator ground current increases
only slightly in dropout, further prolonging the
battery life. The LP3987 also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The LP3987 consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 50µs. The other features
include ultra low dropout voltage, high output
accuracy, current limiting protection, and high
ripple rejection ratio. Available in the 5-lead of
SOT-23 packages.
Pin Configurations
SOT-23-5
SOT-23
Typical Application Circuit
Features
Ultra-Low-Noise for RF Application
2.5V- 6V Input Voltage Range
Low Dropout : 220mV @ 300mA
High PSSR:-80dB at 1KHz
< 0.01 A Standby Current When
Shutdown
TTL-Logic-Controlled Shutdown Input
Custom Voltage Available
Ultra-Fast Response in Line/Load
Transient
Quick Start-Up (Typically 50 s)
Current Limiting and Thermal Shutdown
Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Ordering Information
LP3987 -
□□
□
□□
F:PB-Free
Package Type
B5: SOT-23-5
B3: SOT-23
Output Voltage:
SOT23-5(B5) Type:
Type
A
B
C
D
E
H
F
G
Voltage(V) 1.5
1.8
2.5 2.7 2.8
2.85
3.0
3.3
SOT23 (B3) Type:
Type
A
B
C
D
E
H
F
G
Voltage(V) 1.5
1.8
2.0 2.1 2.5
2.8
3.0
3.3
Note:
1.
Output Voltage range from 1.5V to 3.3V;
2.
2.85V output order is LP3987-HB5F.


Similar Part No. - LP3987

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3987 TI-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3987H POWER-LP3987H Datasheet
428Kb / 9P
Ultra-Low-Noise for RF Application
logo
Texas Instruments
LP3987ITL-2.5 TI-LP3987ITL-2.5 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
More results

Similar Description - LP3987

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3983 POWER-LP3983 Datasheet
250Kb / 8P
For BaseBand,300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com