Electronic Components Datasheet Search
  English  ▼

X  

LP3204 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP3204
Description  1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3204 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP3204 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3204 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LP3204
LP3204-datasheet
Feb.-2006
10
-10
Checking Transient Response
The regulator loop response can be checked by looking at the load transient response. Switching
regulators take several cycles to respond to a step in load current. When a load step occurs, VOUT
immediately shifts by an amount equal to ∆ILOAD (ESR), where ESR is the effective series resistance of COUT.
∆ILOAD also begins to charge or discharge COUT generating a feedback error signal used by the regulator to
return VOUT to its steady-state value. During this recovery time, VOUT can be monitored for overshoot or
ringing that would indicate a stability problem.
Layout Considerations
Follow the PCB layout guidelines for optimal performance of LP3204.
For the main current paths as indicated in bold lines, keep their traces short and wide.
Put the input capacitor as close as possible to the device pins (VIN and GND).
LX node is with high frequency voltage swing and should be kept small area. Keep analog components
away from LX node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors. Keep the loop area small. Place the feedback
components near the LP3204.
Connect all analog grounds to a command node and then connect the command node to the power
ground behind the output capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com