Electronic Components Datasheet Search
  English  ▼

X  

LP3809 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3809
Description  Micro-Power Voltage Detectors, Reset Of MCU With Delay Time
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3809 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3809 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3809 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP3809
LP3809-datasheet
Oct.-2004
1-1
Micro-Power Voltage Detectors,
Reset Of MCU With Delay Time
General Description
The LP3809 is a micro-power voltage
detector supervising the power supply
voltage level for microprocessors (µP) or
digital systems. It provides internally fixed
threshold levels with 0.1V per step ranging
from 1.2V to 5V, which covers most digital
applications. It features low supply current of
3µA. The LP3809 performs supervisory
function by sending out a reset signal
whenever the VDD voltage falls below a
preset threshold level. This reset signal will
last the whole period before VDD recovering.
Once
VDD
recovered
upcrossing
the
threshold level, the reset signal will be
released after a certain delay time. Available
in the 5-lead of SOT-23 packages.
Pin Configurations
SOT-23
Pin No.
1
2
3
Type A
RESET
GND
VDD
Type B
GND
RESET
VDD
Typical Application Circuit
Features
Built-in Recovery Delay Include 210ms
Internally Fixed Threshold 1.2V to 5V in
0.1V Step
No External Components Required
High Accuracy
1.5%
Low Supply Current 3 A
Low Functional Supply Voltage 0.9V
N-Channel Open-Drain output
Quick Start-Up
Applications
Computers
CPU/MCU/DSP
Portable
Battery-Powered Equipment
Ordering Information
LP3809□ - □ □ □ □ □
F:PB-Free
Package
B3: SOT-23
Output Voltage:
Type
12: 1.2V
A: Type A
13: 1.3V
B: Type B
50: 5.5V
Note:
1. Output Voltage range from 1.2V to 5.0V in
0.1V increments.
2. 2.7V output order is LP3809A-27B3F.


Similar Part No. - LP3809

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LP3800K0603BT FRONTIER-LP3800K0603BT Datasheet
176Kb / 2P
LP3800K0603BT LOWPASS FILTER SPECIFICATION
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CB3F POWER-LP3808-09CB3F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CB5F POWER-LP3808-09CB5F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CX3F POWER-LP3808-09CX3F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
More results

Similar Description - LP3809

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816 Datasheet
117Kb / 10P
Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817 Datasheet
114Kb / 11P
Micro-Power Voltage Detectors with Manual Reset
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
Richtek Technology Corp...
RT9816 RICHTEK-RT9816_11 Datasheet
121Kb / 10P
Micro-Power Voltage Detectors with Manual Reset
RT9817 RICHTEK-RT9817_11 Datasheet
139Kb / 11P
Micro-Power Voltage Detectors with Manual Reset
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
Reset Timer with Delay Time
logo
Unisonic Technologies
81NXX UTC-81NXX Datasheet
492Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com