Electronic Components Datasheet Search
  English  ▼

X  

LP4060A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4060A
Description  800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4060A Datasheet HTML 1Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 2Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 3Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 4Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060A Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 1 of 13
800mA Standalone Linear Li-Ion Battery Charger with
Thermal Regulation in ThinSOT
General Description
The LP4060A is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component count
make the LP4060A ideally suited for portable applications.
Furthermore, the LP4060A is specifically designed to work
within USB power specifications. No external sense resistor
is needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback regulates
the charge current to limit the die temperature during high
power operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
LP4060A automatically terminates the charge cycle when
the charge current drops to 1/10th the programmed value
after the final float voltage is reached. Other features
include charge current monitor, undervoltage lockout,
automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Order Information
LP4060A - □ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Programmable Charge Current Up to
800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in ThinSOT
Package for Single Cell Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V Charge Voltage with ± 1% Accuracy
Available in SOT23-5 Package
Charge Current Monitor Output for Gas
Gauging
Automatic Recharge
2.9V Trickle Charge Threshold
C/10 Charge Termination
Typical Application Circuit
+
1uF
+
1uF
LED
10K
BATT
LP4060J5F
2
4
5
3
1
GND
VCC
PROG
BAT
CHRG
Vin
R
Marking Information
Please see website.
LP4060B5F


Similar Part No. - LP4060A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
More results

Similar Description - LP4060A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com