Electronic Components Datasheet Search
  English  ▼

X  

LP6202 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6202
Description  Synchronous Boost DC/DC Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6202 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6202 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6202 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary Datasheet
LP6202
LP6202 – Ver. 1.0 Datasheet
Dec.-2007
Page 4 of 7
Absolute Maximum Ratings
Supply Input Voltage---------------------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
SOT23-5--------------------------------------------------------------------------------------------------------600mW
Package Thermal Resistance
SOT23-5, θJA ---------------------------------------------------------------------------------------------------------------250°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Supply Input Voltage-------------------------------------------------------------------------------------------------0.9V to 5.5V
EN Input Voltage -------------------------------------------------------------------------------------------------------0V to 5.5V
Operation Junction Temperature Range ------------------------------------------------------------------−40°C to 125°C
Operation Ambient TemperatureRange----------------------------------------------------------------------−40°C to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com