Electronic Components Datasheet Search
  English  ▼

X  

LP6202A Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6202A
Description  Synchronous Boost DC/DC Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6202A Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6202A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6202A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6202A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6202A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6202A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6202A Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6202A
LP6202A – Ver. 1.0 Datasheet
Dec.-2007
Page 1 of 6
Synchronous Boost DC/DC Regulator
General Description
The LP6202A is high efficiency synchronous,
PWM step-up DC/DC converters optimized to
provide a high efficiency solution to medium power
system. the devices work under the input voltage
between 0.9V and 4.4V with a 1.4 MHz fixed
frequency
switching. These
features minimize
overall solution footprint by allowing the use of tiny,
low profile inductors and ceramic capacitors.
Ordering Information
LP6202AA -
□ □
□
F: Pb-Free
Package Type
B6: SOT23-6
Typical Application Circuit
+
47uF
LP6202A
3
5
1
4
6
2
GND
OUT
EN
SW
FB
GND
+
Cout
100uF
4.7uH
R2
500K
Vout_5V/600mA
Vin(0.9V-5V)
R1
1.5M
Applications
AlK. Battery products
Features
Up to 94% efficiency
 
Low voltage start-up:0.9V
Shut-down current:<1uA
 
Output voltage:2.5-4.3V(Up to 5V with schottky)
Low switch on resistance RDS(ON),Internal
switch:0.35 OHM
High switch on current:1A
1.4MHz fixed frequency switching
Available in SCT23-6 Package  
Pin Configurations
Marking Information
Please see website.
SOT23-6


Similar Part No. - LP6202A

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6202-B6F POWER-LP6202-B6F Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
More results

Similar Description - LP6202A

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3429 KINGBOR-KB3429 Datasheet
154Kb / 5P
Synchronous Boost DC//DC Regullator
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Lowpower Semiconductor ...
LP6202 POWER-LP6202 Datasheet
235Kb / 7P
Synchronous Boost DC/DC Regulator
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
Dual Synchronous DC/DC Regulator
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
HM3400 HMSEMI-HM3400 Datasheet
525Kb / 9P
Synchronous Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com