Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3981
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3981 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3981 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3981 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP3981
LP3981 – 01 Ver. 1.1 Datasheet
Feb.-2008
Page 6 of 8
Applications Information
L
ike any low-dropout regulator, the external capacitors
used with the LP3981 must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1µF on the LP3981 input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor. The
capacitor with larger value and lower ESR (equivalent
series
resistance)
provides
better
PSRR
and
line-transient response. The output capacitor must meet
both requirements for minimum amount of capacitance
and ESR in all LDOs application. The LP3981 is designed
specifically to work with low ESR ceramic output
capacitor in space-saving and performance consideration.
Using a ceramic capacitor whose value is at least 1µF
with ESR is > 25mΩ on the LP3981 output ensures
stability. The LP3981 still works well with output capacitor
of other types due to the wide stable ESR range. Figure 1
shows the curves of allowable ESR range as a function of
load current for various output capacitor values. Output
capacitor of larger capacitance can reduce noise and
improve load transient response, stability, and PSRR.
The output capacitor should be located not more than 0.5
inch from the VOUT pin of the LP3981 and returned to a
clean analog ground.
Start-up Function Enable Function
The LP3981 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.2 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting
the
system,
the
LP3981
have
a
quick-discharge function. If the enable function is not
needed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
Bypass Capacitor and Low Noise
Connecting a 22nF between the BP pin and GND pin
significantly reduces noise on the regulator output, it is
critical that the capacitor connection between the BP pin
and GND pin be direct and PCB traces should be as short
as possible. There is a relationship between the bypass
capacitor value and the LDO regulator turn on time. DC
leakage on this pin can affect the LDO regulator output
noise and voltage regulation performance.
Thermal Considerations
Thermal protection limits power dissipation in LP3981.
When the operation junction temperature exceeds 165°C,
the OTP circuit starts the thermal shutdown function turn
the pass element off. The pass element turn on again
after the junction temperature cools by 30°C. For continue
operation, do not exceed absolute maximum operation
junction temperature 125°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com