Electronic Components Datasheet Search
  English  ▼

X  

LP3982 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3982
Description  300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3982 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3982 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3982 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP3982
LP3982 – Ver. 1.0 Datasheet
Dec.-2006
Page 7 of 8
The power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature and
the θJA is the junction to ambient thermal resistance. For
recommended operating conditions specification of
LP3982, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (θJA is layout dependent) for SC-70-5
package is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (SC-70-5)
PD(MAX) = (125°C−25°C) / 165 = 606mW
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com