Electronic Components Datasheet Search
  English  ▼

X  

751-0035 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 751-0035
Description  Ceramic XT Trap For TV/VCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

751-0035 Datasheet(HTML) 1 Page - Oscilent Corporation

  751-0035 Datasheet HTML 1Page - Oscilent Corporation 751-0035 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
Filters
Series Number
Package
Description
Last Modified
751 ~ 752
Ceramic XT
Trap For TV / VCR
Jan. 01 2007
Filter FEATURES
- Wide bandwidth Ceramic Trap
- Low insertion loss
- Excellent spurious suppression characteristics
- TV SIF stage use
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
PART NO.
Type
Fig.
Frequency (fn1)
Attenuation (at fn1)
Attenutation BW (fn1)
MHz
dB min.
KHz min.
751-0035
XT/J
1
3.580
20
20 @ 20dB Att BW
751-0044
XT/J
1
4.430
20
40 @ 20dB Att BW
751-0045
XT/J
1
4.500
20
40 @ 20dB Att BW
751-0055
XT/J
1
5.500
20
40 @ 20dB Att BW
751-0057
XT/J
1
5.742
20
40 @ 20dB Att BW
751-0060
XT/J
1
6.000
20
40 @ 20dB Att BW
751-0065
XT/J
1
6.500
20
40 @ 20dB Att BW
752-0035
XT/B
2
3.580
25
40 @ 25dB Att BW
752-0044
XT/B
2
4.430
30
50 @ 30dB Att BW
752-0045
XT/B
2
4.500
35
70 @ 30dB Att BW
752-0055
XT/B
2
5.500
35
90 @ 30dB Att BW
752-0057
XT/B
2
5.742
35
90 @ 30dB Att BW
752-0060
XT/B
2
6.000
35
90 @ 30dB Att BW
752-0065
XT/B
2
6.500
35
90 @ 30dB Att BW
REFERENCE: The level at 1MHz shall be made for a reference (0dB)
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 2
Oscilent Corporation | 751 - 752 Series Ceramic Filter


Similar Part No. - 751-0035

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
Trap For TV / VCR
More results

Similar Description - 751-0035

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
Traps for TV/VCR
logo
Oscilent Corporation
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
Ceramic Trap For TV/VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
Ceramic Series For TV / VCR
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
XT3.58MB TOKEN-XT3.58MB Datasheet
363Kb / 3P
XT MB Ceramic Trap Filters
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
Trap For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
For TV / VCR
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
For TV / VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com